Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC/D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 23Page - NXP Semiconductors MPC604EC/D Datasheet HTML 24Page - NXP Semiconductors MPC604EC/D Datasheet HTML 25Page - NXP Semiconductors MPC604EC/D Datasheet HTML 26Page - NXP Semiconductors MPC604EC/D Datasheet HTML 27Page - NXP Semiconductors MPC604EC/D Datasheet HTML 28Page - NXP Semiconductors MPC604EC/D Datasheet HTML 29Page - NXP Semiconductors MPC604EC/D Datasheet HTML 30Page - NXP Semiconductors MPC604EC/D Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
604 Hardware Specifications
27
Preliminary/Subject to Change without Notice
1.8 Thermal Management Information
This section provides thermal management information for the C4-CQFP and the BGA packages. Proper
thermal control design is primarily dependent upon the system-level design; that is, the heat sink, airflow
and the thermal interface material. Heat sinks are typically attached to a chip package by means of a spring
clip to holes in the printed-circuit board; see Figure 17.
Figure 17. C4-CQFP and BGA Exploded Cross-Sectional View with Heat Sink
The board designer can choose between several types of heat sinks to place on the 604. There are several
commercially-available heat sinks for the 604 provided by the following vendors:
Thermalloy
2021 W. Valley View Lane
214-243-4321
P.O. Box 810839
Dallas, TX 75731
International Electronic Research Corporation (IERC)
135 W. Magnolia Blvd.
Burbank, CA 91502
818-842-7277
Aavid Engineering
603-528-3400
One Kool Path
Laconic, NH 03247-0440
Wakefield Engineering
617-245-5900
60 Audubon Rd.
Wakefield, MA 01880
Ultimately, the final selection of an appropriate heat sink for the 604 depends on many factors, such as
thermal performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
Printed-Circuit Board
Heat Sink
Thermal Interface Material
Die
Heat Sink
Clip
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com