Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2033 Datasheet(PDF) 17 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 17 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier IRMCS2033 Datasheet HTML 17Page - International Rectifier IRMCS2033 Datasheet HTML 18Page - International Rectifier IRMCS2033 Datasheet HTML 19Page - International Rectifier IRMCS2033 Datasheet HTML 20Page - International Rectifier IRMCS2033 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
16
Parallel Interface Port
IRMCS2033 provides an 8-bit parallel interface port to facilitate microprocessor interface. The interface is generic and
compatible with most common 8-bit parallel interfaces such as MCS8051, some Motorola 8-bit uP, Microchip, etc.
Figure 8 shows the connection diagram. The connector, J5, is a 2-by-10 header connector.
J5
HEADER 20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VCC
HP_D0
HP_D1
HP_D2
HP_D3
HP_D4
HP_D5
HP_D6
HP_D7
NA
NA
NA
NA
HP_nCS
HP_nWE
HP_nOE
HP_A
Figure 8. Parallel Interface Port
Each signal is 3.3V level and the data bus is multiplexed. Table 1 summarizes each signal definition.
Signal
I/O1
Description
HP_nCS
I
Active low Host Port Chip Select
HP_nOE
I
Active Low Host Port Output Enable
HP_nWE
I
Active low Host Port Write Enable
HP_A
I
Host Port Register Address. 1 = Address register, 0 = Data Register
HP_Dn
I/O
Bidirectional Host Port data bus, where n = data bit 0 - 7
Table 1. Microprocessor Interface Module Signal Definitions
The IRMCK203 contains an address register that is updated with the Host Register address when HP_A = 1. After
each subsequent data byte is either read or written, the internal address register is incremented. The diagram below
shows that Data Bytes 0 to N would access register locations initially specified by the Address Byte. The Address
Byte with the HP_A signal can be asserted at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com