Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2033 Datasheet(PDF) 20 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 20 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier IRMCS2033 Datasheet HTML 17Page - International Rectifier IRMCS2033 Datasheet HTML 18Page - International Rectifier IRMCS2033 Datasheet HTML 19Page - International Rectifier IRMCS2033 Datasheet HTML 20Page - International Rectifier IRMCS2033 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
19
Specifications
TC = 25
°C unless specified
Parameters
Values
Conditions
Voltage Level
dc bus voltage range
22 to 50V
Maximum limited by Dynamic brake voltage
Over voltage trip
63.2V
Re-scalable by R31 and R43 (70V max)
Under voltage trip
18.4V
Re-scalable by R31 and R43 (15V min)
Dynamic brake voltage
58.7V
Re-scalable by R31 and R43
Output Power
Watts
350W continuous power
fPWM = 20kHz,
TA = 40
°C, RthSA = 1.0 °C/W
Current
6 Arms nominal, 18 Arms Overload
3 secs overload
Host interface (SPI)
SCLK,CS,MISO,MOSI, SYNC
3.3V logic level
maximum 6MHz
Host interface (RS232C)
SND,RCV
10V
Maximum 57.6k bps, single ended,
configurable for RS422 up to 1Mbps
Host interface (Parallel Port)
HP_nCS,HP_nOE,HP_nWE,
HP_A,HP_DATA[8]
3.3V
8 bit parallel interface compatible with 8051,
Microchip, other uP.
D/A
8- bit 4 Channel
0-3.3V output
Output are buffered with 4mA drive capability
A/D
12-bit
DC bus, Speed Ref and Leg shunt
current inputs
ADS7818 compatible
Discrete I/O
Input
START/STOP, ESTOP, DIR, FLTCLR
5V tolerant, Active High logic
Output
PWMEnable, FAULT, SYNC
Current feedback
Current sensing device
IR2175, direct interface
Resolution
10 bit (7.5 nanoseconds counting
resolution )
133 MHz internal IRMCK203 clock
Latency
8.3 usec
2175 PWM output (120 kHz)
Protection
Output current trip level
28A peak,
±10%
Detection from low side Leg Shunts
Ground fault trip level
28A peak,
±10%
Detection from positive dc bus
Short circuit delay time
2.5 usec
line-to-line short, line-to-DC bus (-) short
Power Device
IRFB59N10D
6 MOSFETs
System environment
Ambient temperature
0 to 40
°C
95% RH max. (non-condensing)
Table 4. IRMCS2033 Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com