Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2033 Datasheet(PDF) 16 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 12Page - International Rectifier IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier IRMCS2033 Datasheet HTML 17Page - International Rectifier IRMCS2033 Datasheet HTML 18Page - International Rectifier IRMCS2033 Datasheet HTML 19Page - International Rectifier IRMCS2033 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
15
SPI interface Connector
IRMCS2033 has one SPI interface connector (J4) on the board. The connector is a 6-pin header and its pin
assignments are shown below. The signal level is 3.3V with 5V tolerant input. Maximum transmission speed is 6
MHz.
1
2
4
6
3
5
J4
HDR6
SPI
Interface
MISO
SCLK
MOSI
SYNC
CS
Figure 7. SPI Interface Connector
SPI Register Access
When configured as an SPI device read only and read/write operations are performed using the following transfer
format:
Command Byte
Data Byte 0
…………….
Data Byte N
Data Transfer Format
Bit Position
7
6
5
4
3
2
1
0
Read
Only
Register Map Starting Address
Command Byte Format
Data transfers begin at the address specified in the command byte and proceed sequentially until the SPI transfer
completes. As in the Host Parallel Access, the internal address register is incremented after each SPI byte is
transferred. Note that accesses are read/write unless the “read only” bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com