Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2033 Datasheet(PDF) 12 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 8Page - International Rectifier IRMCS2033 Datasheet HTML 9Page - International Rectifier IRMCS2033 Datasheet HTML 10Page - International Rectifier IRMCS2033 Datasheet HTML 11Page - International Rectifier IRMCS2033 Datasheet HTML 12Page - International Rectifier IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
11
RS232C connector
IRMCS2033 has one serial RS232C connector (J6) on the board. The connector is a D-sub 9 pin standard PC
female connector and directly connectable to a PC serial port. As shown in Figure 6, pin 2 is the send signal and
pin 3 is the receive signal; both are 10V signal level. The baud rate is fixed at 57.6kbps. The signal format is 8 bits,
no parity, 1 stop bit configuration.
J6
DB9RF
1
2
3
4
5
6
7
8
9
No connection
RX1
TX1
Figure 6. RS232C Connector
RS-232 Register Access
The IRMCK203 includes an RS-232 interface channel that provides a direct connection to the host PC. The software
interface combines a basic "register map" control interface with a simple communication protocol to accommodate
potential communication errors. For more detailed information, please refer to the IRMCK203 Application
Developer’s Guide.
RS-232 Register Write Access
A Register write operation consists of a command/address byte, byte count, register data and checksum. When the
IRMCK203 receives the register data, it validates the checksum, writes the register data, and transmits and
acknowledgement to the host.
Command / Address Byte
Byte Count
1-6 bytes of register data
Checksum
Register Write Operation
Command Acknowledgement Byte
Checksum
Register Write Acknowledgement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com