Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2033 Datasheet(PDF) 11 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 7Page - International Rectifier IRMCS2033 Datasheet HTML 8Page - International Rectifier IRMCS2033 Datasheet HTML 9Page - International Rectifier IRMCS2033 Datasheet HTML 10Page - International Rectifier IRMCS2033 Datasheet HTML 11Page - International Rectifier IRMCS2033 Datasheet HTML 12Page - International Rectifier IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
10
Getting Started
For quick start with preconfigured parameters, the following motor is supported with a preconfigured motor file.
•
Maxon 118889 (80W, 11000rpm)
If any other motor is used, reconfiguration is required. Configurable parameters are required to tailor the design to
various applications (motor and load). These configurable parameters can be modified via the host register interface
(using the ServoDesigner tool) through the communication interface. In the IRMCS2033 product, a design
spreadsheet (Drive parameters translator) is provided to aid the user for ease of drive start-up. Using the spreadsheet,
the user enters high-level parameters such as motor nameplate information, maximum application speed, current limit,
and speed regulator bandwidth. This high-level user information is translated to engineering parameters (directly
used by the drive). Figure 5 gives an overview of the commissioning steps. Please refer to the IRMCK203 Application
Developer’s Guide for a detailed description of drive commissioning.
Drive Parameters Translator
Translate input parameters to drive parameters
Enter high level design parameters
(Motor nameplate, Current limits,
Max speed, overload etc..)
Engineering
parameters
IRMCS2033
ServoDesigner
Input and download drive parameters
Refine drive parameters
User
parameters
Figure 5. Overview of Drive Commissioning
Shunt Resistor and Current Rating
Two 20m Ohms current sensing shunt resistors are equipped as default resistors at factory shipment (R11 and R12
located on the top side of PCB). With these resistors, IRMCS2033 can deliver up to
±13A maximum peak current
(using IR2175) to the motor including overshoot of current regulation when using IR2175 as current feedback.
IRMCS2033 motor commissioning tool (IRMCS2033-DriveParams.xls) will calculate the appropriate resistor value
for a particular peak Ampere requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com