Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 49 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 49 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 45Page - Oxford Semiconductor OXCF950 Datasheet HTML 46Page - Oxford Semiconductor OXCF950 Datasheet HTML 47Page - Oxford Semiconductor OXCF950 Datasheet HTML 48Page - Oxford Semiconductor OXCF950 Datasheet HTML 49Page - Oxford Semiconductor OXCF950 Datasheet HTML 50Page - Oxford Semiconductor OXCF950 Datasheet HTML 51Page - Oxford Semiconductor OXCF950 Datasheet HTML 52Page - Oxford Semiconductor OXCF950 Datasheet HTML 53Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Page 49
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
In this configuration, the DTR# pin will be
forced high whenever the transmitter is not
empty (LSR[6]=0), otherwise DTR# pin is
low.
If the user sets ACR[4], then the DTR# line is controlled by
the status of the transmitter empty bit of LCR. When
ACR[4] is set, ACR[3] is used to select active high or active
low enable signals. In half-duplex systems using RS485
protocol, this facility enables the DTR# line to directly
control the enable signal of external 3-state line driver
buffers. When the transmitter is empty the DTR# would go
inactive once the SOUT line returns to it’s idle marking
state.
ACR[5]: 950 mode trigger levels enable
logic 0 ⇒
Interrupts and flow control trigger levels are
as described in FCR register and are
compatible with 16C650/16C750 modes.
logic 1 ⇒
950 specific enhanced interrupt and flow
control trigger levels defined by RTL, TTL,
FCL and FCH are enabled.
ACR[6]: ICR read enable
logic 0 ⇒
The Line Status Register is readable.
logic 1 ⇒
The Indexed Control Registers are readable.
Setting this bit will map the ICR set to the LSR location for
reads. During normal operation this bit should be cleared.
ACR[7]: Additional status enable
logic 0 ⇒
Access to the ASR, TFL and RFL registers
is disabled.
logic 1 ⇒
Access to the ASR, TFL and RFL registers
is enabled.
When ACR[7] is set, the MCR and LCR registers are no
longer readable but remain writable, and the TFL and RFL
registers replace them in the memory map for read
operations. The IER register is replaced by the ASR
register for all operations. The software driver may leave
this bit set during normal operation, since MCR, LCR and
IER do not generally need to be read.
6.11.4 Transmitter Trigger Level ‘TTL’
The TTL register is located at offset 0x04 of the ICR
Whenever 950 trigger levels are enabled (ACR[5]=1), bits 4
and 5 of FCR are ignored and an alternative arbitrary
transmitter interrupt trigger level can be defined in the TTL
register. This 7-bit value provides a fully programmable
transmitter interrupt trigger facility. In 950 mode, a priority
level 3 interrupt occurs indicating that the transmitter buffer
requires more characters when the interrupt is not masked
(IER[1]=1) and the transmitter FIFO level falls below the
value stored in the TTL register. The value 0 (0x00) has a
special meaning. In 950 mode when the user writes 0x00
to the TTL register, a level 3 interrupt only occurs when the
FIFO and the transmitter shift register are both empty and
the SOUT line is in the idle marking state. This feature is
particularly useful to report back the empty state of the
transmitter after its FIFO has been flushed away.
6.11.5 Receiver Interrupt. Trigger Level ‘RTL’
The RTL register is located at offset 0x05 of the ICR
Whenever 950 trigger levels ar e enabled (ACR[5]=1), bits 6
and 7 of FCR are ignored and an alternative arbitrary
receiver interrupt trigger level can be defined in the RTL
register. This 7-bit value provides a fully programmable
receiver interrupt trigger facility as opposed to the limited
trigger levels available in 16C650 and 16C750 devices. It
enables the system designer to optimise the interrupt
performance hence minimising the interrupt overhead.
In 950 mode, a priority level 2 interrupt occurs indicating
that the receiver data is available when the interrupt is not
masked (IER[0]=1) and the receiver FIFO level reaches the
value stored in this register.
6.11.6 Flow Control Levels ‘FCL & FCH’
The FCL and FCH registers are located at offsets 0x06 and
0x07 of the ICR respectively
Enhanced software flow control using XON/XOFF and
hardware flow control using RTS#/CTS# and DTR#/DSR#
are available when 950 mode trigger levels are enabled
(ACR[5]=1). Improved flow control threshold levels are
offered using Flow Control Lower trigger level (‘FCL’) and
Flow Control Higher trigger level (‘FCH’) registers to
provide a greater degree of flexibility when optimising the
flow control performance. Generally, these facilities are
only available in Enhanced mode.
In 650 mode, in-band flow control is enabled using the EFR
register. An XOFF character is transmitted when the
receiver FIFO exceeds the upper trigger level defined by
FCR[7:6] as described in section 6.4.1. An XON is then
sent when the FIFO is read down to the lower fill level. The
flow control is enabled and the appropriate mode selected
using EFR[3:0].
In 950 mode, the flow control thresholds defined by
FCR[7:6] are ignored. In this mode threshold levels are
programmed using FCL and FCH. When in-band flow
control is enabled (defined by EFR[3:0]) and the receiver
FIFO level (‘RFL’) reaches the value programmed in the
FCH register, an XOFF is transmitted to stop the flow of
serial data . The flow is resumed when the receiver FIFO
fill level falls to below the value programmed in the FCL
register, at which point an XON character is sent. The FCL
value of 0x00 is illegal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com