Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 14 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 14 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 10Page - Oxford Semiconductor OXCF950 Datasheet HTML 11Page - Oxford Semiconductor OXCF950 Datasheet HTML 12Page - Oxford Semiconductor OXCF950 Datasheet HTML 13Page - Oxford Semiconductor OXCF950 Datasheet HTML 14Page - Oxford Semiconductor OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Page 14
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
Figure 5: Normal Mode memory space map
5.2.2
Normal Mode Space Map
5.3
Access to IO Function
5.3.1
Access to Internal UART
Access to the internal UART is achieved via standard IO
mapping. As the device is configured as a single function
device, no base address is required to access the UART.
As IO mapping is used, access to the UART is permitted
only after the card has been configured. Once the
Configuration Options Register has been set in the
Attribute area, the UART can be accessed following the
mapping shown in Table 4.
UART Address (hex)
CF/PCMCIA offset from
address 0 for UART
function in IO space (hex)
0
0
1
1
2
2
3
3
4
4
5
5
6
6
7
7
Table 4: UART's mapping in I/O space
5.3.2
Access to Local Bus
Access to the internal Local Bus is achieved via standard
IO mapping. The Local Bus function is available in Local
Bus mode only as it’s device pins are used as the extended
address bits required for direct access in Normal mode.
Indirect access is only supported in the PCMCIA
specification, so the local bus is only available in PCMCIA
systems. As the device is configured as a single function
device, no base address is required to access the Local
Bus. As IO mapping is used, access to the Local Bus is
permitted only after the card has been configured. Once
the Configuration Options Register has been set in the
Attribute area, the Local Bus can be accessed following the
mapping shown in Table 5. This access is permitted only if
bit[0] is reset to ‘0’ in the MDR register in the UART,
otherwise the local configuration registers will be accessed
rather than the local bus.
Direct
Indirect
Main CIS either:
a) Normal Default
b) Bluetooth Default
c) Custom CIS
(downloaded from
EEPROM)
0xFF
Common
(Valid at even
locations only)
0x00
0x00
0x00
0xFF
0xFF
0x00
0xFF
Attribute
Additional Storage
Space, which can be
downloaded from the
EEPROM.
0x7F
0x80
Function
Configuration
Registers
0xF8
0xF6
NOT VALID
NOT VALID
NOT VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com