Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 24 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 24 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor OXCF950 Datasheet HTML 23Page - Oxford Semiconductor OXCF950 Datasheet HTML 24Page - Oxford Semiconductor OXCF950 Datasheet HTML 25Page - Oxford Semiconductor OXCF950 Datasheet HTML 26Page - Oxford Semiconductor OXCF950 Datasheet HTML 27Page - Oxford Semiconductor OXCF950 Datasheet HTML 28Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Page 24
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
0x79
0x02
0x0B
0x95
0x21
0x02
0x02
0x01
CISTPL_FUNCID
This tuple specifies the function of the device, in this case the tuple states the device
is a serial port.
0x22
0x04
0x00
0x02
0x0F
0x7F
CISTPL_FUNCE
This tuple is the function extension tuple, and provides more detailed information
about the function of the device, and provides the following information:
•
Serial port includes a 16550 compatible UART.
•
Space, Mark, Odd and Even parity
•
5, 6, 7, 8 bit chars
•
1, 1.5 and 2 stop bit operation.
0x15
0x15
0x07
0x01
0x50
0x43
0x20
0x43
0x41
0x52
0x44
0x00
0x47
0x45
0x4E
0x45
0x52
0x49
0x43
0x00
0x00
0x00
0xFF
CISTPL_VERS_1
The Level 1 version / product information tuple provides the host with the following
information:
•
The device supports version 7.1 of the PC Card Specification.
•
The Manufacturer String is “PC CARD”
•
The Product String is “GENERIC”
•
The Additional Product Information strings are empty.
0x1A
0x04
0x00
0x02
0xF8
0x0F
CISTPL_CONFIG
The CISTPL_CONFIG tuple provides basic configuration information including the
following:
•
Base address of the configuration registers (specified as 0xFA)
•
Which configuration registers are present and supported (Configuration
Options Register, Configuration Status Register, Pin Replacement
Register, and Socket and Copy Register are supported).
•
Index of the last Configuration Table Entry (set to 0x02).
0x1B
0x0D
0xC1
0x41
0x99
0x01
0xB5
0x1E
0xA0
CISTPL_CFTABLE_ENTRY This tuple specifies one particular configuration that the device can be used in. Each
configuration has an index number, which is used by the host to select it. This
configuration has the following properties:
•
Index is 0x01
•
READY signal is active, and configuration is for I/O and Memory mode.
•
Nominal Vcc is set to be 3.30 volts.
•
Requests 16 bytes of I/O space.
•
Level interrupts, interrupt sharing are supported.
•
Any interrupt (IRQ0-15) can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com