Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 1 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 1 Page - Oxford Semiconductor

  OXCF950 Datasheet HTML 1Page - Oxford Semiconductor OXCF950 Datasheet HTML 2Page - Oxford Semiconductor OXCF950 Datasheet HTML 3Page - Oxford Semiconductor OXCF950 Datasheet HTML 4Page - Oxford Semiconductor OXCF950 Datasheet HTML 5Page - Oxford Semiconductor OXCF950 Datasheet HTML 6Page - Oxford Semiconductor OXCF950 Datasheet HTML 7Page - Oxford Semiconductor OXCF950 Datasheet HTML 8Page - Oxford Semiconductor OXCF950 Datasheet HTML 9Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Oxford Semiconductor Ltd.
25 Milton Park, Abingdon, Oxon, OX14 4SH, UK
Tel: +44 (0)1235 824900
©
© Oxford Semiconductor 2001 .
OXCF950B DATA SHEET REV 1.0 –July 2002
Part No. OXCF950-TQ-B
FEATURES
•
Single full-duplex asynchronous channel
•
128-byte deep transmitter / receiver FIFO
•
Fully software compatible with industry standard
16C550 type UARTs
•
Readable FIFO levels
•
System clock up to 60MHz
•
Flexible clock prescaler from 1 to 31.875
•
9-bitdata framing as well as 5,6,7 and 8
•
Detection of bad data in the receiver FIFO
•
Automated in-band flow control using programmable
Xon/Xoff characters
•
Transmitter and receiver can be disabled
•
Low power CMOS
•
3.3V operation, 5V tolerant I/O
•
Extended temperature range –40C to +105C
•
Software compatible with OXCF950
•
16C950 mode for local bus applications
•
Generic embedded driver compatibility mode
•
Programmable by external MicrowireTM EEPROM
(EEPROM programmed via Oxford Semiconductor
utilities).
•
Extremely low power consumption by use of
asynchronous UART core and power down (sleep)
modes
•
Range of packages -Ultra small 48 pin TQFP package
or a 48 ball TFBGA.
•
Supports all UART types 450 up to 950 (fully
programmable)
•
CF+ Compliant (Revision 1.4).
•
16-bit PC Card Compliant (PCMCIA Revision 7.1)
•
8 bit Local Bus interface included for PCMCIA
applications
•
2 Multi-purpose I/O pins which can be configured as
interrupt inputs
DESCRIPTION
The OXCF950 rev B is a low cost asynchronous 16-bit PC
card (henceforth referred to as PCMCIA) or Compact Flash
(henceforth referred to as CF) UART (and Local Bus)
device. Local Bus Selection is performed by use of a
MODE pin. Note that Local Bus mode uses indirect
addressing, which is only supported by PCMCIA.
The 3.3V technology has been specified to operate as low
as 2.7 V to allow an in-line regulator to be used for mixed
3V/5V applications. All the I/Os are 5V tolerant with the
exception of the clock/crystal oscillator input.
The EEPROM interface allows the programming of the
Attribute Memory, UART and Local Configuration Registers
during power up or hard/soft reset. This allows different
card manufacturers to modify the information contained in
the Attribute memory or UART/registers as required, for
example PC-Card ID value.
A number of power -down modes are included to keep
power consumption to a minimum. Such features include
clock division (fully programmable) and sleep modes when
a function of the OXCF950 rev B is not being used.
The OXCF950 rev B contains a single-channel ultra-high
performance UART offering data rates up to 15Mbps and
128-deep transmitter and receiver FIFOs. Deep FIFOs
reduce CPU overhead and allow utilisation of higher data
rates.
It is software compatible with the widely used industry-
standard 16C550 ty pe devices and compatibles, as well as
other OX16C95x family devices.
In addition to increased performance and FIFO size, the
OXCF950 rev B also provides enhanced features including
improved flow control. Automated software flow control
using Xon/Xoff and automated hardware flow control using
CTS#/RTS# and DSR#/DTR# prevent FIFO over-run. Flow
control and interrupt thresholds are fully programmable and
readable, enabling programmers to fine-tune the
performance of their system. FIFO levels are readable to
facilitate fast driver applications.
The addition of software reset enables recovery from
unforeseen error conditions allowing drivers to restart
gracefully. The OXCF950 rev B supports 9-bit data frames
used in multi-drop industrial protocols. It also offers multiple
OXCF950 rev B
DATA SHEET V1.0


Similar Part No. - OXCF950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXCF950 OXFORD-OXCF950 Datasheet
375Kb / 66P
low cost asynchronous 16-bit PC card or Compact Flash UART device
OXCF950-TB-B OXFORD-OXCF950-TB-B Datasheet
375Kb / 66P
low cost asynchronous 16-bit PC card or Compact Flash UART device
OXCF950-TBBG OXFORD-OXCF950-TBBG Datasheet
375Kb / 66P
low cost asynchronous 16-bit PC card or Compact Flash UART device
OXCF950-TQ-B OXFORD-OXCF950-TQ-B Datasheet
375Kb / 66P
low cost asynchronous 16-bit PC card or Compact Flash UART device
OXCF950-TQBG OXFORD-OXCF950-TQBG Datasheet
375Kb / 66P
low cost asynchronous 16-bit PC card or Compact Flash UART device
More results

Similar Description - OXCF950

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SC16C750 PHILIPS-SC16C750 Datasheet
598Kb / 45P
Universal Asynchronous Receiver/Transmitter (UART) with 64-byte FIFO
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
Universal Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
TL16C750E UART with 128-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com