Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 38 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 38 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 34Page - Oxford Semiconductor OXCF950 Datasheet HTML 35Page - Oxford Semiconductor OXCF950 Datasheet HTML 36Page - Oxford Semiconductor OXCF950 Datasheet HTML 37Page - Oxford Semiconductor OXCF950 Datasheet HTML 38Page - Oxford Semiconductor OXCF950 Datasheet HTML 39Page - Oxford Semiconductor OXCF950 Datasheet HTML 40Page - Oxford Semiconductor OXCF950 Datasheet HTML 41Page - Oxford Semiconductor OXCF950 Datasheet HTML 42Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Page 38
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
flagged when the data would normally have
been transferred to the RHR.
LSR[2]: Received data parity error
logic 0 ⇒ No parity error in normal mode or 9th bit of
received data is ‘0’ in 9-bit mode.
logic 1 ⇒ Data has been received that did not have
correct parity in normal mode or 9th bit of
received data is ‘1’ in 9-bit mode.
The flag will be set when the data item in error is at the top
of the RHR and cleared following a read of the LSR. In 9-
bit mode LSR[2] is no longer a flag and corresponds to the
9th bit of the received data in RHR.
LSR[3]: Received data framing error
logic 0 ⇒ No framing error.
logic 1 ⇒ Data has been received with an invalid stop
bit.
This status bit is set and cleared in the same manner as
LSR[2]. When a framing error occurs, the UART will try to
re-synchronise by assuming that the error was due to
sampling the start bit of the next data item.
LSR[4]: Received break error
logic 0 ⇒ No receiver break error.
logic 1 ⇒ The receiver received a break.
A break condition occurs when the SIN line goes low
(normally signifying a start bit) and stays low throughout
the start, data, parity and first stop bit. (Note that the SIN
line is sampled at the bit rate). One zero character with
associated break flag set will be transferred to the RHR
and the receiver will then wait until the SIN line returns
high. The LSR[4] break flag will be set when this data item
gets to the top of the RHR and it is cleared following a read
of the LSR.
LSR[5]: THR empty
logic 0 ⇒ Transmitter FIFO (THR) is not empty.
logic 1 ⇒ Transmitter FIFO (THR) is empty.
LSR[6]: Transmitter and THR empty
logic 0 ⇒ The transmitter is not idle
logic 1 ⇒ THR is empty and the transmitter has
completed the character in shift register and is
in idle mode. (I.e. set whenever the transmitter
shift register and the THR are both empty.)
LSR[7]: Receiver data error
logic 0 ⇒ Either there are no receiver data errors in the
FIFO or it was cleared by an earlier read of
LSR.
logic 1 ⇒ At least one parity error, framing error or break
indication in the FIFO.
In 450 mode LSR[7] is permanently cleared, otherwise this
bit will be set when an erroneous character is transferred
from the receiver to the RHR. It is cleared when the LSR is
read. Note that in 16C550 this bit is only cleared when
all of the erroneous data are removed from the FIFO. In
9-bit data framing mode parity is permanently disabled, so
this bit is not affected by LSR[2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com