Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867MTR Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 69Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 70Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 71Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 72Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 73Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 74Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 75Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 76Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 73 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
Figure 40: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT13/DFF17, CNT/DLY5)
CNT/DLY5
OUT
ext_CLK
DLY_IN/CNT Reset
3-bit LUT13
OUT
IN0
IN1
8-bits NVM
IN2
registers [1279:1272]
From Connection
Matrix Output [40]
To Connection
Matrix Input [24]
LUT Truth
Table
CNT
Data
S0
S1
Config
Data
registers [1125:1121], registers [1131:1128],
registers [1138:1135]
CLK
D
Q/nQ
DFF
Registers
From Connection
Matrix Output [39]
S0
S1
From Connection
Matrix Output [38]
S0
S1
S0
S1
S0
S1
S2
S3
registers [1287:1280]
nRST/nSET
To Connection
Matrix Input [25]
S0
S1
S0
S1
S0
S1
0
S0
S1
S2
S3
0
LUT/DFF Sel
registers [1127:1126],
registers[1133:1132]
register [1134]
Mode Sel
register [1279] DFF or Latch Select
register [1278] Output Select (Q or
nQ)
register [1277] (nRST or nSET)
from matrix Output
register [1276] DFF Initial Polarity
Select
DFF/
Latch17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com