Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867MTR Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 17Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 18Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 19Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 20Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 21Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 22Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 23Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 24Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 21 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
tpd
Delay
Multi-Function DFF nSET nQ
--
26
--
19
--
14
ns
tpd
Delay
DFF3, DFF12 First Q
18
18
13
13
9
9
ns
tpd
Delay
DFF3, DFF12 First nQ
19
18
14
13
9
9
ns
tpd
Delay
DFF3, DFF12 First nRESET High Q
--
22
--
15
--
11
ns
tpd
Delay
DFF3, DFF12 First nRESET High nQ
22
--
16
--
11
--
ns
tpd
Delay
DFF3, DFF12 First nRESET Low Q
--
24
--
17
--
12
ns
tpd
Delay
DFF3, DFF12 First nRESET Low nQ
25
--
18
--
12
--
ns
tpd
Delay
DFF3, DFF12 First nSET High Q
22
--
16
--
11
--
ns
tpd
Delay
DFF3, DFF12 First nSET High nQ
--
22
--
15
--
11
ns
tpd
Delay
DFF3, DFF12 First nSET Low Q
24
--
17
--
12
--
ns
tpd
Delay
DFF3, DFF12 First nSET Low nQ
--
24
--
17
--
12
ns
tpd
Delay
DFF3, DFF12 Second Q
20
21
14
15
10
10
ns
tpd
Delay
DFF3, DFF12 Second nQ
21
20
15
14
11
10
ns
tpd
Delay
DFF3, DFF12 Second nRESET High Q
--
21
--
15
--
10
ns
tpd
Delay
DFF3, DFF12 Second nRESET High nQ
22
--
16
--
11
--
ns
tpd
Delay
DFF3, DFF12 Second nRESET Low Q
--
23
--
17
--
12
ns
tpd
Delay
DFF3, DFF12 Second nRESET Low nQ
24
--
17
--
12
--
ns
tpd
Delay
DFF3, DFF12 Second nSET High Q
22
--
15
--
11
--
ns
tpd
Delay
DFF3, DFF12 Second nSET High nQ
--
21
--
15
--
10
ns
tpd
Delay
DFF3, DFF12 Second nSET Low Q
24
--
17
--
12
--
ns
tpd
Delay
DFF3, DFF12 Second nSET Low nQ
--
23
--
17
--
12
ns
tpd
Delay
PGen CLK
16
16
12
11
8
8
ns
tpd
Delay
PGen nRESET Hi-Z to 0
--
21
--
15
--
11
ns
tpd
Delay
PGen nRESET Hi-Z to 1
20
--
14
--
10
--
ns
tpd
Delay
Pipe Delay Out
23
20
16
15
11
10
ns
tpd
Delay
Pipe Delay nRESET Out
30
28
22
21
16
15
ns
tpd
Delay
Filter Q
160
140
109
98
68
65
ns
tpd
Delay
Filter nQ
141
159
99
108
66
68
ns
Table 11: Programmable Delay Expected Typical Delays and Widths at T = 25 °C
Parameter
Description
Note
VDD = 2.5 V VDD = 3.3V VDD = 5.0V
Unit
tw
Pulse Width, 1 cell
mode:(any)edge detect, edge detect output
214
159
116
ns
tw
Pulse Width, 2 cell
mode:(any)edge detect, edge detect output
425
314
230
ns
tw
Pulse Width, 3 cell
mode:(any)edge detect, edge detect output
635
469
343
ns
tw
Pulse Width, 4 cell
mode:(any)edge detect, edge detect output
846
624
457
ns
time1
Delay, 1 cell
mode:(any)edge detect, edge detect output
18
13
9
ns
time1
Delay, 2 cell
mode:(any)edge detect, edge detect output
18
13
9
ns
time1
Delay, 3 cell
mode:(any)edge detect, edge detect output
18
13
9
ns
Table 10: Typical Delay Estimated for Each Macrocell at T = 25 °C (continued)
Parameter Description Note
VDD = 2.5 V
VDD = 3.3 V
VDD = 5 V
Unit
Rising Falling Rising Falling Rising Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com