Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867MTR Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 9Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 10Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 11Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 12Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 13Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 14Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 15Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 16Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 13 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
3
Characteristics
3.1 ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specification are not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
3.2 ELECTROSTATIC DISCHARGE RATINGS
3.3 RECOMMENDED OPERATING CONDITIONS
Table 3: Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage on VDD relative to GND
-0.3
7
V
DC Input Voltage
GND - 0.5 V VDD + 0.5 V
V
Maximum Average or DC Current
(Through VDD or GND pin)
--
90
mA
Maximum Average or DC Current
(Through pin)
Push-Pull 1x
--
11
mA
Push-Pull 2x
--
16
Push-Pull 4x
--
32
OD 1x
--
11
OD 2x
--
21
OD 4x
--
43
Current at Input Pin
-1.0
1.0
mA
Input Leakage Current (Absolute Value)
--
1000
nA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
Moisture Sensitive Level
1
VIN
P-FET
0.3
VDD
V
ΘJA
Thermal Resistance (Note 1)
--
99
°C/W
PD
Maximum Power Dissipation,
TA = +25 °C
--
1.25
W
TJ,MAX
Maximum Junction Temperature
150
°C
P-FET Power Switch IDSCONT
Total, TJ < 150 °C
--
2
A
P-FET Power Switch IDSPK
For no more than 1 ms with 1 % duty cycle
--
2.5
A
Note 1 Mounted on 27.4mm x 30.1 mm PCB (1.6 mm thick, 1 oz copper, FR-4 material).
Table 4: Electrostatic Discharge Ratings
Parameter
Min
Max
Unit
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1300
--
V
Table 5: Recommended Operating Conditions
Parameter
Condition
Min
Max
Unit
Supply Voltage (VDD)
2.3
5.5
V
Operating Temperature
-40
85
°C
Maximal Voltage Applied to any PIN in High
Impedance State
--
VDD+
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com