Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867MTR Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 78Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 79Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 80Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 81Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 82Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 83Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 84Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 85Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 82 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
8.3.3 One-Shot Mode CNT/DLY0 to CNT/DLY7
This macrocell will generate a pulse whenever a selected edge is detected on its input. Register bits set the edge selection. The
pulse width determines by counter data and clock selection properties. The output pulse polarity (non-inverted or inverted) is
selected by register bit. Any incoming edges will be ignored during the pulse width generation. The following diagram shows
one-shot function for non-inverted output.
Figure 47: Counter Mode Timing Diagram with Two DFFs Synced Up
Figure 48: One-Shot Function Timing Diagram
RESET_IN
CLK
Counter OUT
Count start in 0 CLK after reset
4 CLK period pulse
One-Shot/Freq. DET/Delay IN
One-Shot Function
Rising Edge Detection
One-Shot Function
Falling Edge Detection
One-Shot Function
Both Edge Detection
t
t
t
t
Delay time
Delay time
Delay time
Delay time
Delay time
Delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com