Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867MTR Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 72Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 73Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 74Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 75Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 76Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 77Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 78Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 79Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 76 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
8.1.2 3-Bit LUT or CNT/DLYs Used as 3-Bit LUTs
Table 44: 3-bit LUT9 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1208]
LSB
0
0
1
register [1209]
0
1
0
register [1210]
0
1
1
register [1211]
1
0
0
register [1212]
1
0
1
register [1213]
1
1
0
register [1214]
1
1
1
register [1215]
MSB
Table 45: 3-bit LUT10 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1224]
LSB
0
0
1
register [1225]
0
1
0
register [1226]
0
1
1
register [1227]
1
0
0
register [1228]
1
0
1
register [1229]
1
1
0
register [1230]
1
1
1
register [1231]
MSB
Table 46: 3-bit LUT11 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1240]
LSB
0
0
1
register [1241]
0
1
0
register [1242]
0
1
1
register [1243]
1
0
0
register [1244]
1
0
1
register [1245]
1
1
0
register [1246]
1
1
1
register [1247]
MSB
Table 47: 3-bit LUT12 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1256]
LSB
0
0
1
register [1257]
0
1
0
register [1258]
0
1
1
register [1259]
1
0
0
register [1260]
1
0
1
register [1261]
1
1
0
register [1262]
1
1
1
register [1263]
MSB
Table 48: 3-bit LUT13 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1272]
LSB
0
0
1
register [1273]
0
1
0
register [1274]
0
1
1
register [1275]
1
0
0
register [1276]
1
0
1
register [1277]
1
1
0
register [1278]
1
1
1
register [1280]
MSB
Table 49: 3-bit LUT14 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1288]
LSB
0
0
1
register [1289]
0
1
0
register [1290]
0
1
1
register [1291]
1
0
0
register [1292]
1
0
1
register [1293]
1
1
0
register [1294]
1
1
1
register [1295]
MSB
Table 50: 3-bit LUT15 Truth Table
IN2
IN1
IN0
OUT
0
0
0
register [1304]
LSB
0
0
1
register [1305]
0
1
0
register [1306]
0
1
1
register [1307]
1
0
0
register [1308]
1
0
1
register [1309]
1
1
0
register [1310]
1
1
1
register [1311]
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com