Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35120QDBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # REF35120QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35120QDBVR Datasheet(HTML) 1 Page - Texas Instruments

  REF35120QDBVR Datasheet HTML 1Page - Texas Instruments REF35120QDBVR Datasheet HTML 2Page - Texas Instruments REF35120QDBVR Datasheet HTML 3Page - Texas Instruments REF35120QDBVR Datasheet HTML 4Page - Texas Instruments REF35120QDBVR Datasheet HTML 5Page - Texas Instruments REF35120QDBVR Datasheet HTML 6Page - Texas Instruments REF35120QDBVR Datasheet HTML 7Page - Texas Instruments REF35120QDBVR Datasheet HTML 8Page - Texas Instruments REF35120QDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
REF35 Ultra Low-Power, High-Precision Voltage Reference
1 Features
• Ultra-low quiescent current:
– 650 nA (typical)
• Initial accuracy: ±0.05% (maximum)
• Temperature coefficient:
– 12 ppm/°C (maximum for −40°C to 105°C)
• Output 1/f noise (0.1 Hz to 10 Hz): 3.3 ppmP-P
• NR pin to reduce noise
• EN pin to reduce shutdown current consumption
• Long-term stability: 40 ppm at 1k hour
• Thermal hysteresis: 70 ppm
• Specified temperature range: −40°C to +105°C
• Operating temperature range: −55°C to +125°C
• Output current: +10 mA, −5 mA
• Input voltage: VREF + VDO to 6 V
• Output voltage options:
– 1.024 V, 1.2 V, 1.25 V, 1.6 V, 1.8 V, 2.048 V,
2.5 V, 3.0 V, 3.3 V, 4.096 V, 5.0 V
• Small footprint 6-pin SOT−23 package
• Smallest footprint 4-pin WCSP package
2 Applications
• Flow transmitter
• Blood glucose monitor
• Servo drive control module
• Power quality analyzer
• Fault indicator
• Oscilloscope
• Process analytics
• Optical Module
3 Description
The REF35 is a family of nanopower, low-drift, high-
precision series reference devices. The REF35 family
features ±0.05% initial accuracy with 650 nA typical
power consumption. The temperature coefficient (12
ppm/°C) and long-term stability (40 ppm at 1000
hours) of the device can help improve system stability
and reliability. The low power consumption combined
with high precision specifications are suitable for wide
variety of portable and low current applications.
The REF35 supplies up to 10 mA current with 3.3
ppmp-p noise and 20 ppm/mA load regulation. With
this feature set, REF35 creates a strong low-noise,
high accuracy power supply for precision sensors and
12–16b data converters.
The family is specified for operation from –40°C to
105°C and is functional over –55°C to 125°C. The
wide temperature is suited for industrial applications.
REF35 is available in wide output voltage variants
starting from 1.024 V to 5.0 V. The device is
offered in a space-saving, 6-pin SOT-23 and 4-pin
WCSP package options. Contact your local TI sales
representative for available voltage and package
options.
Package Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
REF35xxx
SOT-23 (6)
2.90 mm × 1.60 mm
WCSP (4) (2)
1.05 mm × 0.84 mm
(1)
For all available voltage variants and packages, see the
orderable addendum at the end of the data sheet.
(2)
Product preview.
VIN
EN
0.1 μF
1 μF
GND
GND
GND
GND
GND
NR
VREF
Optional
Input
Output
REF35
Connection Diagram
Typical Application Use Cases
REF35
Current
SENSE
Amplifier Biasing
CSA, INA, DFA etc
REF35
V
GND
Sensor power supply
Bridge, Thermocouple etc
ADC / DAC
REF35
REF
VDD
GND
Data Converter power supply
REF35 Use Case
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF35120QDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF35120QDBVR TI-REF35120QDBVR Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35120QDBVR TI1-REF35120QDBVR Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35120QDBVR TI1-REF35120QDBVR Datasheet
2Mb / 38P
REF35 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2022
REF35120QDBVRQ1 TI1-REF35120QDBVRQ1 Datasheet
2Mb / 30P
REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2023
More results

Similar Description - REF35120QDBVR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029 MAXIM-MAX6029 Datasheet
564Kb / 15P
Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6029 MAXIM-MAX6029_06 Datasheet
717Kb / 16P
Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
logo
Texas Instruments
REF35 TI-REF35 Datasheet
1Mb / 27P
REF35 Ultra Low-Power, High-Precision Voltage Reference
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX6029 MAXIM-MAX6029_V01 Datasheet
448Kb / 15P
Ultra-Low-Power Precision Series Voltage Reference
2009
logo
Texas Instruments
REF35 TI-REF35_V01 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V02 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35_V03 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35-Q1 TI1-REF35-Q1 Datasheet
2Mb / 30P
REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com