Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35120QDBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # REF35120QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35120QDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF35120QDBVR Datasheet HTML 8Page - Texas Instruments REF35120QDBVR Datasheet HTML 9Page - Texas Instruments REF35120QDBVR Datasheet HTML 10Page - Texas Instruments REF35120QDBVR Datasheet HTML 11Page - Texas Instruments REF35120QDBVR Datasheet HTML 12Page - Texas Instruments REF35120QDBVR Datasheet HTML 13Page - Texas Instruments REF35120QDBVR Datasheet HTML 14Page - Texas Instruments REF35120QDBVR Datasheet HTML 15Page - Texas Instruments REF35120QDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF35 have differing coefficients of thermal expansion, resulting
in stress on the device die when the part is heated. Mechanical and thermal stress on the device die can cause
the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow soldering is a
common cause of this error.
To illustrate this effect, a total of 32 devices were soldered on one printed circuit board using lead-free solder
paste and the paste manufacturer suggested reflow profile. Figure 8-1 shows the reflow profile. The printed
circuit board is comprised of FR4 material. The board thickness is 1.66 mm and the area is
174 mm × 135 mm.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 8-1. Reflow Profile
The reference output voltage is measured before and after the reflow process; Figure 8-2 shows the typical
shift. Although all tested units exhibit very low shifts (< 0.03%), higher shifts are also possible depending on the
size, thickness, and material of the printed circuit board (PCB). An important note is that the histograms display
the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is common on PCBs
with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB is
exposed to multiple reflows, the device must be soldered in the last pass to minimize its exposure to thermal
stress.
Solder Heat Shift %
0
12
24
36
48
60
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
Figure 8-2. Solder Heat Shift Distribution, VREF (%)
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com