Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35120QDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # REF35120QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35120QDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF35120QDBVR Datasheet HTML 18Page - Texas Instruments REF35120QDBVR Datasheet HTML 19Page - Texas Instruments REF35120QDBVR Datasheet HTML 20Page - Texas Instruments REF35120QDBVR Datasheet HTML 21Page - Texas Instruments REF35120QDBVR Datasheet HTML 22Page - Texas Instruments REF35120QDBVR Datasheet HTML 23Page - Texas Instruments REF35120QDBVR Datasheet HTML 24Page - Texas Instruments REF35120QDBVR Datasheet HTML 25Page - Texas Instruments REF35120QDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
10.1 Application Information
REF35 with low current consumption and class leading performance specifications is suitable reference for
multiple applications. The device can also be used as a precision low noise power supply to sensor or data
converter instead of traditional LDO or DC/DC based power supply. Basic applications includes positive/negative
voltage reference and data acquisition systems. The table below shows the typical application of REF35 and its
companion ADC/DAC.
Table 10-1. Typical Applications and Companion ADC/DAC
APPLICATIONS
ADC/DAC
PLC - DCS
ADS7028, DAC8881, ADS1287, ADS7953
Rack Server
ADS7028, ADS7128, ADS7138
Field Transmitters - Pressure, Flow
ADS124S08
Optical Module, Optical Line Card
ADS7068, ADS7138
Medical Blood Glucose Meter
ADS1112
Power quality analyzer
ADC3662
Thermal imaging
ADC3541
10.2 Typical Applications
10.2.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF35 and OPA735 can be used to
provide a dual-supply reference from a 5 V supply. Figure 10-1 shows the REF35250 used to provide a 2.5 V
supply reference voltage. The low drift performance of the REF35250 complements the low offset voltage and
zero drift of the OPA735 to provide an accurate solution for split-supply applications. Take care to match the
temperature coefficients of R1 and R2.
REF35250
R2
10 k
-
+
GND
+5 V
+5 V
+2.5 V
-5 V
-2.5 V
1
2
3
4
6
5
OPA735
Figure 10-1. REF35 and OPA735 Create Positive and Negative Reference Voltages
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com