Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35120QDBVR Datasheet(PDF) 25 Page - Texas Instruments

Part # REF35120QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35120QDBVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF35120QDBVR Datasheet HTML 21Page - Texas Instruments REF35120QDBVR Datasheet HTML 22Page - Texas Instruments REF35120QDBVR Datasheet HTML 23Page - Texas Instruments REF35120QDBVR Datasheet HTML 24Page - Texas Instruments REF35120QDBVR Datasheet HTML 25Page - Texas Instruments REF35120QDBVR Datasheet HTML 26Page - Texas Instruments REF35120QDBVR Datasheet HTML 27Page - Texas Instruments REF35120QDBVR Datasheet HTML 28Page - Texas Instruments REF35120QDBVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Input voltage (V)
0
1
2
3
4
5
0
10
20
30
40
50
REF35-OSR0
REF35-OSR8
REF35-OSR128
LDO-OSR0
LDO-OSR8
LDO-OSR128
Figure 10-3. Error vs Input Voltage
10.3 Power Supply Recommendations
The REF35 family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 50 mV above the output voltage at no load. TI recommends a supply bypass capacitor
ranging between 0.1 µF to 10 µF.
10.4 Layout
10.4.1 Layout Guidelines
Figure 10-4 shows an example of a PCB layout for a data acquisition system using the REF35. Some key
considerations are:
• Connect low-ESR, 0.1 μF ceramic bypass capacitors at VIN, VREF of the REF35.
• Decouple other active devices in the system per the device specifications.
• Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup.
• Place the external components as close to the device as possible.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
Figure 10-5 shows the pin compatibility with TI REF30xx, REF31xx and REF33xx series references in the
3-pin SOT-23 package when using the REF35xxx family footprint. You must rotate the REF30xx, REF31xx and
REF33xx reference devices by 180º before assembly.
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com