Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35120QDBVR Datasheet(PDF) 20 Page - Texas Instruments

Part # REF35120QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35120QDBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF35120QDBVR Datasheet HTML 16Page - Texas Instruments REF35120QDBVR Datasheet HTML 17Page - Texas Instruments REF35120QDBVR Datasheet HTML 18Page - Texas Instruments REF35120QDBVR Datasheet HTML 19Page - Texas Instruments REF35120QDBVR Datasheet HTML 20Page - Texas Instruments REF35120QDBVR Datasheet HTML 21Page - Texas Instruments REF35120QDBVR Datasheet HTML 22Page - Texas Instruments REF35120QDBVR Datasheet HTML 23Page - Texas Instruments REF35120QDBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
9.4 Device Functional Modes
9.4.1 Basic Connections
Figure 9-1 shows the typical connections for the REF35. TI recommends a supply bypass capacitor (CIN)
ranging from 0.1 μF to 10 μF. A 0.1 μF to 10 μF output capacitor (CL) must be connected from REF to GND. The
equivalent series resistance (ESR) value of CL must be lower than 400 mΩ to ensure output stability.
VIN
EN
CIN
CL
GND
GND
GND
GND
GND
NR
VREF
Optional
AVDD
REF
REF35
Figure 9-1. Basic Connections
9.4.2 Start-Up
Figure 9-2 shows the start-up behavior of REF35250 device with 1 μF load capacitance. REF35 device ensures
the output voltage settles to the expected output voltage within specified accuracy without oscillations. The
start-up time is dependent on the output voltage variant, output capacitance and NR pin capacitance. Higher
capacitance leads to longer start-up time.
Time (5 ms/div)
VIN (1.5V/div)
VREF (1.25V/div)
Figure 9-2. REF35250 Start-Up Behavior, CL = 1 μF
9.4.3 Output Transient Behavior
The REF35 output buffer is capable of sourcing 10 mA load current as well as sink 5 mA of load current. The
output stage is designed using class AB architecture with ultra-low quiescent current. This architecture avoids
the dead zone around the no load condition. The output buffer uses a fast start-up implementation to achieve
2ms typical turn-on time at CL = 1 μF and no-load current condition.
Figure 9-3 and Figure 9-4 show the output settling behavior for light load transient and high load transient
respectively.
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com