Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ-R2 Datasheet(PDF) 5 Page - Texas Instruments

Part # SSM2301CPZ-R2
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301CPZ-R2 Datasheet(HTML) 5 Page - Texas Instruments

  SSM2301CPZ-R2 Datasheet HTML 1Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 2Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 3Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 4Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 5Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 6Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 7Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 8Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Preliminary Technical Data
SSM2301
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
SSM2301
SD 1
2
GAIN
3
IN+
4
IN–
7GND
8OUT–
6VDD
5OUT+
Figure 2. SSM2301 LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SD
Shutdown Input. Active low digital input.
2
GAIN
Gain Selection. Digital input.
3
IN+
Noninverting Input.
4
INL−
Inverting Input.
5
OUT+
Noninverting Output.
6
VDD
Power Supply.
7
GND
Ground.
8
OUT−
Inverting Output.
Rev. PrH | Page 5 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com