Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ-R2 Datasheet(PDF) 10 Page - Texas Instruments

Part # SSM2301CPZ-R2
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301CPZ-R2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SSM2301CPZ-R2 Datasheet HTML 6Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 7Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 8Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 9Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 10Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 11Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 12Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 13Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SSM2301
Preliminary Technical Data
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.4V TO 5.0V
IN–
GAIN
10µF
0.01µF
0.01µF
SD
AUDIO IN
SSM2301
VDD
EXTERNAL GAIN SETTINGS = 20 log[4/(1 + R/150kΩ)]
R
R
Figure 22. Single-Ended Input Configuration, User-Adjustable Gain
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.4V TO 5.0V
IN–
GAIN
10µF
0.01µF1
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.01µF1
SD
AUDIO IN–
AUDIO IN+
SSM2301
EXTERNAL GAIN SETTINGS = 20 log[2/(1 + R/150kΩ)]
R
R
Figure 23. Differential Input Configuration, User-Adjustable Gain
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.4V TO 5.0V
IN–
GAIN
10µF
0.01µF
0.01µF
SD
AUDIO IN
SSM2301
EXTERNAL GAIN SETTINGS = 20 log[2/(1 + R/150kΩ)]
R
R
Figure 24. Single-Ended Input Configuration, User-Adjustable Gain
Rev. PrH | Page 10 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com