Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ-R2 Datasheet(PDF) 11 Page - Texas Instruments

Part # SSM2301CPZ-R2
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301CPZ-R2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SSM2301CPZ-R2 Datasheet HTML 7Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 8Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 9Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 10Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 11Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 12Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 13Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 14Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Preliminary Technical Data
SSM2301
APPLICATION NOTES
OVERVIEW
The SSM2301 mono Class-D audio amplifier features a filterless
modulation scheme that greatly reduces the external components
count, conserving board space and thus reducing systems cost.
The SSM2301 does not require an output filter, but instead relies
on the inherent inductance of the speaker coil and the natural
filtering of the speaker and human ear to fully recover the audio
component of the square-wave output. While most Class-D ampli-
fiers use some variation of pulse-width modulation (PWM), the
SSM2301 uses a Σ-Δ modulation to determine the switching
pattern of the output devices. This provides a number of important
benefits. Σ-Δ modulators do not produces a sharp peak with
many harmonics in the AM frequency band, as pulse-width
modulators often do. Σ-Δ modulation provides the benefits of
reducing the amplitude of spectral components at high frequencies;
that is, reducing EMI emission that might otherwise be radiated
by speakers and long cable traces. The SSM2301 also offers
protection circuits for overcurrent and temperature protection.
GAIN SELECTION
Pulling the GAIN pin high of the SSM2301 sets the gain of the
speaker amplifier to 12 dB; pulling it low sets the gain of the
speaker amplifier to 6 dB.
It is possible to adjust the SSM2301 gain by using external resistors
at the input. To set a gain lower than 12 dB refer to Figure 21 for
differential input configuration and Figure 22 for single-ended
configuration. For external gain configuration from a fixed 12 dB
gain, use the following formula:
External Gain Settings = 20 log[4/(1 + R/150 kΩ)]
To set a gain lower than 6 dB refer to Figure 23 for differential
input configuration and Figure 24 for single-ended configuration.
For external gain configuration from a fixed 6 dB gain, use the
following formula:
External Gain Settings = 20 log[2/(1 + R/150 kΩ)]
POP-AND-CLICK SUPPRESSION
Voltage transients at the output of audio amplifiers can occur when
shutdown is activated or deactivated. Voltage transients as low
as 10 mV can be heard as an audio pop in the speaker. Clicks
and pops can also be classified as undesirable audible transients
generated by the amplifier system, therefore as not coming from
the system input signal. Such transients can be generated when
the amplifier system changes its operating mode. For example, the
following can be sources of audible transients: system power-up/
power-down, mute/unmute, input source change, and sample rate
change. The SSM2301 has a pop-and-click suppression architecture
that reduces these output transients, resulting in noiseless activation
and deactivation.
Rev. PrH | Page 11 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com