Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ-R2 Datasheet(PDF) 7 Page - Texas Instruments

Part # SSM2301CPZ-R2
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301CPZ-R2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SSM2301CPZ-R2 Datasheet HTML 3Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 4Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 5Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 6Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 7Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 8Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 9Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 10Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Preliminary Technical Data
SSM2301
12
0
00.8
SHUTDOWN VOLTAGE (V)
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 9. Supply Current vs. Shutdown Voltage
Figure 10. Maximum Output Power vs. Supply Voltage
100
0
01.4
OUTPUT POWER (W)
90
80
70
60
50
40
30
20
10
0.2
0.4
0.6
0.8
1.0
1.2
VDD = 2.5V
VDD = 3.6V
VDD = 5V
RL = 8Ω, 33µH
Figure 11. Efficiency vs. Output Power into 8 Ω
0.9
0
01.4
OUTPUT POWER (W)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
VDD = 3.6V
RL = 8Ω, 33µH
Figure 12. Power Dissipation vs. Output Power at VDD = 3.6 V
1.6
0
01.7
OUTPUT POWER (W)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.10.20.30.40.50.60.7 0.80.91.01.11.2 1.31.41.51.6
VDD = 5V
RL = 8Ω, 33µH
Figure 13. Power Dissipation vs. Output Power at VDD = 5.0 V
350
0
01.6
OUTPUT POWER (W)
VDD = 2.5V
VDD = 3.6V
VDD = 5V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
300
250
200
150
100
50
RL = 8Ω, 33µH
Figure 14. Output Power vs. Supply Current, One Channel
Rev. PrH | Page 7 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com