Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ-R2 Datasheet(PDF) 6 Page - Texas Instruments

Part # SSM2301CPZ-R2
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301CPZ-R2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SSM2301CPZ-R2 Datasheet HTML 2Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 3Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 4Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 5Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 6Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 7Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 8Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 9Page - Texas Instruments SSM2301CPZ-R2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SSM2301
Preliminary Technical Data
TYPICAL PERFORMANCE CHARACTERISTICS
100
0.01
0.000001
0.0001
0.00001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
RL = 8Ω, 33µH
GAIN = 12dB
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 3. THD + N vs. Output Power into 8 Ω, AV = 12 dB
100
0.01
0.0000001
0.000001
0.0001
0.00001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
RL = 8Ω, 33µH
GAIN = 6dB
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 4. THD + N vs. Output Power into 8 Ω, AV = 6 dB
100
0.0001
10
100k
FREQUENCY (Hz)
VDD = 5V
RL = 8Ω, 33µH
500mW
250mW
1W
10
1
0.1
0.01
0.001
100
1k
10k
Figure 5. THD + N vs. Frequency, VDD = 5.0 V
100
0.0001
10
100k
FREQUENCY (Hz)
VDD = 3.6V
RL = 8Ω, 33µH
125mW
500mW
10
1
0.1
0.01
0.001
100
1k
10k
250mW
Figure 6. THD + N vs. Frequency, VDD = 3.6 V
100
0.0001
10
100k
FREQUENCY (Hz)
VDD = 2.5V
RL = 8Ω, 33µH
125mW
750mW
250mW
10
1
0.1
0.01
0.001
100
1k
10k
Figure 7. THD + N vs. Frequency, VDD = 2.5 V
Figure 8. Supply Current vs. Supply Voltage, No Load
Rev. PrH | Page 6 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com