Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW2866C Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 43Page - Renesas Technology Corp TW2866C Datasheet HTML 44Page - Renesas Technology Corp TW2866C Datasheet HTML 45Page - Renesas Technology Corp TW2866C Datasheet HTML 46Page - Renesas Technology Corp TW2866C Datasheet HTML 47Page - Renesas Technology Corp TW2866C Datasheet HTML 48Page - Renesas Technology Corp TW2866C Datasheet HTML 49Page - Renesas Technology Corp TW2866C Datasheet HTML 50Page - Renesas Technology Corp TW2866C Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 47 of 143
February 3, 2012
Host Interface
Serial Interface
The two wire serial bus interface is used to allow an external micro-controller to write to or read from the
data through the TW2866 register. The SCLK is the serial clock and SDAT is the data line. Both lines are
pulled high by the resistors connected to VDD. The SADD[1:0] defines two LSB of the slave device address
by tying the SADD pins either to VDD or GND.
SLAVE ADDRESS
R/W
0
1
0
1
0
SADD[1]
SADD[0]
1 = Read
0 = Write
The TW2866 supports auto index increments in write/read mode if the data are in sequential order. Data
transfer rate on the bus is up to 400 Kbits/s.
MSB
LSB
MSB
LSB
MSB
LSB
Start
Slave address
R/WB
Ack
Index
Ack
Data
Ack
Stop
SDAT
SCLK
(a)
Write Mode
MSB
LSB
MSB
LSB
Start
Slave address
R/WB
Ack
Index
Ack
Stop
SDAT
SCLK
MSB
LSB
MSB
LSB
Start
Slave address
R/WB
Ack
Data
NoAck
Stop
“0”
“1”
(b)
Read Mode
FIGURE 39. TIMING CHART OF SERIAL INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com