Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW2866C Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 45Page - Renesas Technology Corp TW2866C Datasheet HTML 46Page - Renesas Technology Corp TW2866C Datasheet HTML 47Page - Renesas Technology Corp TW2866C Datasheet HTML 48Page - Renesas Technology Corp TW2866C Datasheet HTML 49Page - Renesas Technology Corp TW2866C Datasheet HTML 50Page - Renesas Technology Corp TW2866C Datasheet HTML 51Page - Renesas Technology Corp TW2866C Datasheet HTML 52Page - Renesas Technology Corp TW2866C Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 49 of 143
February 3, 2012
Clock PLL
The TW2866 has built-in 2x/4x clock PLL to generate 2xXTI clock or 4xXTI clock.If 54MHz is connected to
XTI pin,SEL_X24 register need to be 0(2x,default).If 27MHz is connected to XTI pin,SEL_X24 register need
to be 1(4x).XTIMD register selects which clock source is used in the system.If analog clock PLL is not
used,XTIMD register selects XTI input clock frequency mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com