Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW2866C Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 76Page - Renesas Technology Corp TW2866C Datasheet HTML 77Page - Renesas Technology Corp TW2866C Datasheet HTML 78Page - Renesas Technology Corp TW2866C Datasheet HTML 79Page - Renesas Technology Corp TW2866C Datasheet HTML 80Page - Renesas Technology Corp TW2866C Datasheet HTML 81Page - Renesas Technology Corp TW2866C Datasheet HTML 82Page - Renesas Technology Corp TW2866C Datasheet HTML 83Page - Renesas Technology Corp TW2866C Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 80 of 143
February 3, 2012
0X9F(CH1)/0X67(CH2)/0X68(CH3)/0X69(CH4) – CLOCK OUTPUT DELAY CONTROL REGISTER
Index
Bit
Function
R/W
Description
Reset
0x9F
7-4
CLKNO1_DEL
R/W
Control the clock delay of CLKNOn pin.
0h/1h/3h/7h/Fh values are effective.
1h:about 2ns more delay,
3h: about 4ns more delay,
7h:about 6ns more delay,
Fh: about 7ns more delay
0h
0x67
CLKNO2_DEL
RW
0x68
CLKNO3_DEL
R/W
0x69
CLKNO4_DEL
RW
0x9F
3-0
CLKPO1_DEL
R/W
Control the clock delay of CLKPOn pin.
0h/1h/3h/7h/Fh values are effective.
1h:about 2ns more delay,
3h: about 4ns more delay,
7h:about 6ns more delay,
Fh: about 7ns more delay
0h
0x67
CLKPO2_DEL
R/W
0x68
CLKPO3_DEL
R/W
0x69
CLKPO4_DEL
R/W
*) CLKNOn_POL/CLKPOn_POL controls have more better & easy clock margin adjustment.
Use CLKNOn_POL/CLKPOn_POL at first normally, especially for 27MHz/54MHz data output application.
CLKNOn_DEL/CLKPOn_DEL
are
sometimes
required
for
108MHz
data
output
interface.
CLKNOn_DEL/CLKPOn_DEL are not required for 27MHz/54MHz data output in most cases.
0XA8 ~0XA9 – HORIZONTAL SCALER PRE-FILTER CONTROL REGISTER
0XA8 – HORIZONTAL SCALER PRE-FILTER CONTROL REGISTER
Bit
Function
R/W
Description
Reset
7-4
HFLT2
R/W
Pre-filter selection for Video CH1/CH2 horizontal scaler.
If HSCALE[11:8]=1,HFLT [3:0] controls the peaking function.
If HSCALE[11:8]>1,HFLT [2:0] function is bellow.
1** = Bypass
000 = Auto selection based on Horizontal scaling ratio.
001 = Recommended for CIF size image.
010 = Recommended for QCIF size image.
011 = Recommended for ICON size image.
0h
3-0
HFLT1
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com