Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW2866C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 9Page - Renesas Technology Corp TW2866C Datasheet HTML 10Page - Renesas Technology Corp TW2866C Datasheet HTML 11Page - Renesas Technology Corp TW2866C Datasheet HTML 12Page - Renesas Technology Corp TW2866C Datasheet HTML 13Page - Renesas Technology Corp TW2866C Datasheet HTML 14Page - Renesas Technology Corp TW2866C Datasheet HTML 15Page - Renesas Technology Corp TW2866C Datasheet HTML 16Page - Renesas Technology Corp TW2866C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 13 of 143
February 3, 2012
Automatic Gain Control and Clamping
All four analog channels have built-in clamping circuit that restores the signal DC level. The Y channel
restores the back porch of the digitized video to a level of 60. This operation is automatic through internal
feedback loop. The Automatic Gain Control (AGC) of the Y channel adjusts input gain so that the sync tip is
at a desired level. Programmable white peak protection logic is included to prevent saturation in the case
of abnormal signal proportion between sync and white peak level.
Sync Processing
The sync processor of TW2866 detects horizontal synchronization and vertical synchronization signals in
the composite video or in the Y signal of an S-video or component signal. The processor contains a digital
phase-locked-loop and decision logic to achieve reliable sync detection in stable signal as well as in
unstable signals such as those from VCR fast forward or backward.
The vertical sync separator detects the vertical synchronization pattern in the input video signals. In
addition, the actual sync determination is controlled by a detection window to provide more reliable
synchronization. An option is available to provide faster responses for certain applications. The field status
is determined at vertical synchronization time. The field logic can also be controlled to toggle automatically
while tracking the input.
Y/C Separation
The color-decoding block contains the luma/chroma separation for the composite video signal and multi-
standard color demodulation. For NTSC and PAL standard signals, the luma/chroma separation can be
done either by comb filter or notch/band-pass filter combination. For SECAM standard signals, adaptive
notch/band-pass filter is used. The default selection for NTSC/PAL is comb filter.
In the case of comb filter, the TW2866 separates luma (Y) and chroma (C) of a NTSC/PAL composite video
signal using a proprietary 4H adaptive comb filter. The filter uses a four-line buffer. Adaptive logic
combines the upper-comb and the lower-comb results based on the signal changes among the previous,
current and next lines. This technique leads to excellent Y/C separation with small cross luma and cross
color at both horizontal and vertical edges.
Due to the line buffer used in the comb filter, there is always two lines processing delay at the output
except for the component input mode which has only one line delay.
If notch/band-pass filter is selected, the characteristics of the filters are shown in the filter curve section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com