Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW2866C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 1 Page - Renesas Technology Corp

  TW2866C Datasheet HTML 1Page - Renesas Technology Corp TW2866C Datasheet HTML 2Page - Renesas Technology Corp TW2866C Datasheet HTML 3Page - Renesas Technology Corp TW2866C Datasheet HTML 4Page - Renesas Technology Corp TW2866C Datasheet HTML 5Page - Renesas Technology Corp TW2866C Datasheet HTML 6Page - Renesas Technology Corp TW2866C Datasheet HTML 7Page - Renesas Technology Corp TW2866C Datasheet HTML 8Page - Renesas Technology Corp TW2866C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 143 page
background image
TW2866C
4-Channel Video Decoders and Audio Codecs and
Video Encoder for Security Application
FN8253 Rev. 0.00
Page 1 of 143
February 3, 2012
FN8253
Rev. 0.00
February 3, 2012
DATASHEET
The TW2866 includes four high quality
NTSC/PAL/SECAM video decoders that convert
analog composite video signal to digital
component YCbCr data for security applications.
Each channel contains 10 bit ADC and
proprietary clamp and gain controllers and
utilizes 4H comb filter for separating luminance
& chrominance to reduce cross noise artifacts.
The TW2866 adopts the image enhancement
techniques, such as IF compensation filter, CTI
and programmable peaking. TW2866 also
includes one NTSC/PAL video encoder with two
10 bit DAC’s to support CVBS and YC output. The
TW2866 also includes audio CODEC, which has
five audio Analog-to-Digital converters and one
Digital-to-Analog converter. A built-in audio
controller can generate digital outputs for
recording/mixing and accepts digital input for
playback.
Features
 Accepts all NTSC(M/4.43) /
PAL(B/D/G/H/I/K/L/M/N/60)/SECAM
standards with auto detection
 Integrated four video analog anti-aliasing filters
and 10 bit CMOS ADCs
 High performance adaptive 4H comb filters for
all NTSC/PAL standards
 IF compensation filter for improvement of color
demodulation
 Color Transient Improvement (CTI)
 Automatic white peak control
 Programmable hue, saturation, contrast,
brightness and sharpness
 Proprietary fast video locking system for non-
realtime application
 Supports the standard ITU-R BT.656 format or
time multiplexed output with 54/108MHz
 Provides simultaneous four channel Full D1 and
CIF time-multiplexed outputs with 54MHz.
 Integrated five audio ADCs and one audio DAC
 Provides multi-channel audio mixed analog
output
 Supports I2S/DSP Master/Slave interface for
record output and playback input
 PCM 8/16 bit and u-Law/A-Law 8bit for audio
word length
 Programmable audio sample rate that covers
popular frequencies of 8/16/32/44.1/48kHz
 Supports a two-wire serial host interface
 Integrated one video encoder and two10 bit
video CMOS DACs.
 Integrated clock PLL for 108MHz clock output.
 Ultra low power consumption (Typical
666.84mW)
 128 pin LQFP package


Similar Part No. - TW2866C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW2866 INTERSIL-TW2866 Datasheet
1Mb / 2P
Security Surveillance IC Solutions
logo
Renesas Technology Corp
TW2866 RENESAS-TW2866 Datasheet
122Kb / 2P
4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
logo
Intersil Corporation
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
Security Surveillance IC Solutions
More results

Similar Description - TW2866C

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
4-Channel 720H Video Decoders and Audio Codecs
DM5885 DAVICOM-DM5885 Datasheet
71Kb / 3P
4-Channel Video Decoders and Mixer and Audio Codecs
logo
Renesas Technology Corp
TW2866 RENESAS-TW2866 Datasheet
122Kb / 2P
4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
TW2867 RENESAS-TW2867 Datasheet
197Kb / 2P
4-Channel Video Decoders and Audio Codecs for Security Applications
logo
Intersil Corporation
TW2868 INTERSIL-TW2868 Datasheet
160Kb / 3P
8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
August 9, 2011
logo
Renesas Technology Corp
TW2815 RENESAS-TW2815 Datasheet
2Mb / 82P
4-Channel Video Decoders and Audio Codecs for Security Applications
May 19, 2017
TW2864 RENESAS-TW2864 Datasheet
3Mb / 110P
4-Channel Video Decoders and Audio Codecs For Security Applications
September 28, 2012
TW2865 RENESAS-TW2865 Datasheet
5Mb / 151P
4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
Aug 1, 2017
TW2867C RENESAS-TW2867C Datasheet
4Mb / 138P
4-Channel Video Decoders and Audio Codecs For Security Applications
February 9, 2012
TW2868 RENESAS-TW2868 Datasheet
5Mb / 199P
8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
May 22, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com