Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5802ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5802ESA
Description  58V Asynchronous Buck Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5802ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5802ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5802ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/10
MA5802
Major Power Technology Co., Ltd.
Rev.1.1
28th, Sep., 2021
58V Asynchronous Buck Converter
❖
GENERAL DESCRIPTION
The MA5802 is a monolithic asynchronous buck regulator. The device integrates 110mΩ
MOSFET, and provides 2A of continuous load current over a wide input voltage of 10V to 58V.
Current mode control provides fast transient response and cycle-bicycle current limit.
The internal soft-start function prevents inrush current at turn-on. This device, available in an
SOP8L-EP (Exposed pad) package, provides a very compact solution with minimal external
components.
❖
FEATURES
-
Wide 10V to 58V Operating Input Range
-
Integrated 110mΩ P-channel MOSFET Switches
-
Output Adjustable :VFB (1.00V±2%)
-
Up to 93% Efficiency
-
Internal Soft-Start
-
Fixed 240KHz Frequency
-
Cycle-by-Cycle Over Current Protection
-
Input Under/Over Voltage Lockout
❖
APPLICATION CIRCUIT
VIN
CS
VDD
GND
HGC
SW
FB
COMP
INPUT
10V~58V
C5
0.1uF
L1
33μH
R1
18kΩ
R2
10kΩ
CFF 3.3nF
OUTPUT
5V 1.5A
C3
R3
C7
C1
4.7μF
MA5802
3.3nF
15kΩ
PAD
D1
SS36
C2
100μF
63V
330μF
C8
0.1μF
R6
C9
0.1μF
40kΩ
22nF
RCS
50mR
CS
RCS1
10Ω
CCS1
option
option
VOUT=VFB ×(1+R1/R2), VFB = 1.0V, R2 suggest 1K~20KΩ.
ICS=VCS/RCS=0.1V/50mΩ=2.0A


Similar Part No. - MA5802ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5801ESA MPOWER-MA5801ESA Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
MA5805ESA MPOWER-MA5805ESA Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
More results

Similar Description - MA5802ESA

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com