Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPA2000 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 3 Page - Renesas Technology Corp

  VPA2000 Datasheet HTML 1Page - Renesas Technology Corp VPA2000 Datasheet HTML 2Page - Renesas Technology Corp VPA2000 Datasheet HTML 3Page - Renesas Technology Corp VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
VPA2000
Product Data
March 11, 2010
3
ABSOLUTE MAXIMUM RATINGS
Table 1. Absolute Maximum Ratings Summary
PIN
MAXIMUM RATING [NOTE 1]
Input Voltage, VIN1, VIN2 to
GND
-0.3V to 6V
SWN, INP1, INN1, OUT1,
VGLREG, AVDD to GND
-0.3V to +24V
ON to GND
-0.3V to +27V
All other pins to GND
-0.3V to VIN+0.3V
Operating Ambient
Temperature Range
-40°C to +85°C
Storage Temperature
-55°C to +150°C
Junction Temperature
-40°C to +125°C
Lead Temperature
(10 seconds)
+260°C
Maximum Power Dissipation
Internally limited [Note 2]
Table 2. Package Thermal Resistivity
PACKAGE
THERMAL RESISTIVITY (ΘJA) [NOTE 3]
QFN-24
4mm x 4mm
43.2 °C/W
[Note 3] This thermal rating was calculated based on JEDEC standard
conditions (EIA-JESD 51-2 for natural convection & JESD 51-6 for
forced convection). The board type is 2S2P recommended by JEDEC
(4-layers: 2 oz copper surface traces/ 1 oz copper buried planes,
4" x 4.5" board size). Actual thermal resistivity will be affected by PCB
size, solder joint quality, PCB layer count, copper thickness, air flow,
altitude, and other unlisted variables.
[Note 1] Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
[Note 2] The maximum power dissipation is PD(MAX) = (TJ(MAX)-TA)
/θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the device will
enter thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com