Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPA2000 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 4 Page - Renesas Technology Corp

  VPA2000 Datasheet HTML 1Page - Renesas Technology Corp VPA2000 Datasheet HTML 2Page - Renesas Technology Corp VPA2000 Datasheet HTML 3Page - Renesas Technology Corp VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
VPA2000
Product Data
March 11, 2010
4
SPECIFICATION TABLE
VIN = 2.7V to 4.0V. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 3. General Electrical Specifications
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
VIN
Operating input voltage range
◙
2.7
4.0
V
IQ_VIN
VIN quiescent current
VIN = 2.7V to 4.0V
3
mA
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
VIN = 2.7V to 4.0V; CIN = 10µF, CAVDD = 22µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 4. Step-up Switching Regulator (Boost) Specification
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
AVDD
Output voltage range
16
V
VFBB
FBB reference voltage
Measure VCOMP, VFBB = VCOMP
1.188
1.2
1.212
V
Line regulation
IAVDD = 100mA, VIN = 3V to 4V
0.2
%
Load regulation
IAVDD = 50mA to 200mA,
AVDD = 8V
0.2
%
Overall accuracy (Line, Load,
Temperature)
◙
-3
3
%
IFBB_LEAK
FBB pin input leakage current
VFBB = 0.5V to 1.5V
◙
-100
100
nA
RDS(ON)
N-channel switch ON-resistance
VIN = 3.3V
0.2
0.35
ICL
N-channel switch current limit
VFBB = 1.1V, VRLIM = VIN
◙
1.8
2.35
2.8
A
ISW_LEAK
SWN pin leakage current
VFBB = 1.4V, VSWN = 20V
◙
0.1
1
µA
fOSC
Switching frequency
1.2
MHz
DMAX
Maximum duty cycle
◙
86
93
%
tMIN
Minimum on-time
50
ns
gm
Error amplifier transconductance
1600
µS
ISS
COMP soft start source current
During soft start
2
µA
OVP
AVDD over-voltage trip point
Measure at AVDD pin
Vin = 3.3V
◙
18
19.5
21
V
AVDD trip point hysteresis
1.7
V
VFBB_FAULT
FBB fault trip point
Measure at FBB pin
◙
0.95
1
1.05
V
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com