Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPA2000 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 17Page - Renesas Technology Corp VPA2000 Datasheet HTML 18Page - Renesas Technology Corp VPA2000 Datasheet HTML 19Page - Renesas Technology Corp VPA2000 Datasheet HTML 20Page - Renesas Technology Corp VPA2000 Datasheet HTML 21Page - Renesas Technology Corp VPA2000 Datasheet HTML 22Page - Renesas Technology Corp VPA2000 Datasheet HTML 23Page - Renesas Technology Corp VPA2000 Datasheet HTML 24Page - Renesas Technology Corp VPA2000 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
VPA2000
Product Data
March 11, 2010
21
LAYOUT GUIDELINES
To optimize the device performance, follow these layout
guidelines:
1.
Place the inductor and diode as close as possible to
Pin19 (SWN).
2.
Pin20 (GND1) is the power ground of the boost
converter. Return the boost output capacitors’ ground
connections to this pin while minimizing the loop area
created from pin 19 through the diode D1, through the
output capacitors, and back to pin 20.
3.
Separate all grounds on the top layer and connect all
ground connections through vias to the ground plane.
4.
Locate all feedback resistor dividers close to the
feedback pins. Keep the traces from feedback pins to
the resistor dividers as short as possible.
5.
Keep the traces from SWN to CGHFLY to D2 and D3
short.
6.
Keep the traces from SWN to CGLFLY to D4 and D5
short.
7.
Place output capacitors COUT1, CLDO, and CVCORE close
to their respective output pins.
8.
Keep all input decoupling capacitors close to the input
pins and return their ground connections directly to
the appropriate ground pin.
6
5
2
3
4
13
14
17
16
15
18
1
Copper
AVDD
VIN
Vias to
ground
plane
Vias to
power
plane
Vias to
ground
plane
CAVDD1
CAVDD2
D1
L1
Figure 38. Optimized Layout for Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com