Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPA2000 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 1 Page - Renesas Technology Corp

  VPA2000 Datasheet HTML 1Page - Renesas Technology Corp VPA2000 Datasheet HTML 2Page - Renesas Technology Corp VPA2000 Datasheet HTML 3Page - Renesas Technology Corp VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TFT-LCD Power Supply
with VCOM Amplifier
Product Data
VPA2000
1
Features
2A high efficiency boost regulator with integrated
switch for AVDD
1.2V low-power regulator for DisplayPort TCON
2.5V, 300mA LDO for DisplayPort TCON
Built-in high speed VCOM buffer
External 2x charge pump for VGH
Negative regulator for VGL
Over-current, over-voltage,
and over-temperature protection
Built-in soft start
Reset output for DisplayPort TCON
QFN-24, 4x4mm, Pb-free (RoHS compliant) package
Applications
DisplayPort devices
TFT-LCD display panels for notebooks
TFT-LCD display panels for monitors
Description
The VPA2000 is a 6-output power management IC for
TFT-LCD panels. It is integrated into a 24 lead 4x4mm
QFN
package
to
provide
a
small-footprint,
low-
temperature, and low-cost solution.
The current mode control dc-dc step-up switching
regulator (boost) is designed to deliver the AVDD source
driver voltage with high efficiency. The 1.2MHz switching
frequency allows for a small external inductor to meet
PCB area and height requirements.
The negative gate drive voltage (VGL) is regulated by the
on-board linear regulator. A built-in high speed VCOM
buffer provides the voltage to drive the capacitive
backplane of the TFT-LCD panel. Both VGL and VCOM
output voltages can be adjusted by an external resistor
divider.
A simple, low-cost, external 2x charge pump supplies the
positive gate drive voltage (VGH). The internal 2.5V fixed
output LDO and 1.2V fixed output charge pump supply the
core voltages for the timing controller (TCON). The 1.2V
charge pump dissipates approximately 80% less power
than a traditional LDO solution.
Block Diagram
VON
Boost
VCOM
LDO
Vcore
VOFF
3.3V
16V / 50mA
8V / 600mA
4V / 100mA
2.5V / 300mA
1.2V / 300mA
-5V / 30mA
VGH
VGL
50mA
VON
Boost
VCOM
LDO
Vcore
VOFF
3.3V
16V / 50mA
8V / 600mA
4V / 100mA
2.5V / 300mA
1.2V / 300mA
-5V / 30mA
VGH
VGL
50mA
Figure 1. VPA2000 Block Diagram


Similar Part No. - VPA2000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VPA25 SANYO-VPA25 Datasheet
350Kb / 2P
Hybrid intergrated circuits/with FBET/LSBT process chips/Wide bandwidth video output ICs
More results

Similar Description - VPA2000

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
TFT-LCD Power Supply
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Renesas Technology Corp
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com