Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPA2000 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp VPA2000 Datasheet HTML 11Page - Renesas Technology Corp VPA2000 Datasheet HTML 12Page - Renesas Technology Corp VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp VPA2000 Datasheet HTML 15Page - Renesas Technology Corp VPA2000 Datasheet HTML 16Page - Renesas Technology Corp VPA2000 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
VPA2000
Product Data
March 11, 2010
13
NUMBER
LABEL
I/O
DESCRIPTION
19
SWN
Connection for the drain terminal of the boost power switch.
20
GND1
Ground connections for the boost switch. Route the boost output capacitors ground returns to this
pin with the smallest loop area possible. Connect this pin to ground.
21
VIN1
Input
Power supply input voltage. Place a decoupling 4.7µF capacitor next to this pin.
22
C1P
Positive terminal of flying capacitor required by the charge pump.
23
VCORE
Output
Output of the built-in charge pump. This pin supplies 1.2V for the core voltage of DP TCON.
24
C1N
Negative terminal of flying capacitor required by the charge pump.
-
PAD
Thermal pad. Connect this pad to ground. Use thermal vias and large copper area for improved
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com