Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR501 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9LPR501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR501 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9LPR501 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118N—05/19/11
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
9
Datasheet
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER
SYMBOL
CONDI TI ON S
MIN
TYP
MAX
UNITS
NOTES
Lo ng Accuracy
ppm
see Tperiod min-max values
-100
0
1 00
ppm
1,2
33.33MHz outpu t no spread
29.9 9700
30.00300
ns
2
33.33MHz output spread
30.0 8421
30.23459
ns
2
33.33MHz outpu t no spread
29.4 9700
30.50300
ns
2
33.33MH z o utput nominal/spread
29.5 6617
30.58421
ns
2
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
1.71
4
V/ns
1
Falling Edge Sle w Rate
t
FLR
Measured from 2.0 to 0.8 V
1
1.78
4
V/ns
1
Pin to Pin Skew
tske w
VT = 1.5 V
2 50
ps
2
Intential PCI to PCI de lay
tskew
VT = 1.5 V
100
187
3 00
ps
2
Duty C ycle
d
t1
V
T = 1.5 V
45
51
55
%
2
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
103
5 00
ps
2
Clock period
T
per io d
Absolute min/max period
T
abs
Intentional PCI Clock to Clock Delay
200 ps nominal steps
PCI0
PCI1
PCI2
PCI3
PCI4
PCI_F5
1.0ns
Electrical Characteristics - USB48MHz
PARAMETER
SYMBOL
CONDI TI ON S
MIN
TYP
MAX
UNITS
NOTES
Lo ng Accuracy
ppmsee Tperiod min-max values
-100
0
1 00
ppm2,4
Clock period
Tperio d
48.0 0MHz output n ominal
20.83125
20 .83542
ns
2,3
Absolute min/max period
Tabs
48.0 0MHz output n ominal
20.48125
21 .18542
ns
2
CLK High Time
THI GH
8.216563
11 .15198
V
CLK Low time
T
LOW
7.816563
10 .95198
V
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
1.2
2
V/ns
1
Falling Edge Sle w Rate
tFLR
Measured from 2.0 to 0.8 V
1
1.3
2
V/ns
1
Duty C ycle
dt1
VT = 1.5 V
45
50.8 %
55
%2
Jitter, Cycle to cycle
t
jcyc- cyc
V
T = 1.5 V
132. 2
3 50
ps
2
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
M AX
UNITS
Notes
Lo ng Accuracy
ppmsee Tperiod min-max values
-100
0
1 00
ppm2, 4
Clock period
Tperiod
14.318MHz output nominal
69.82033
69 .86224
ns
2, 3
Absolute min/max period
Tabs
14.318MHz output nominal
69.83400
70 .84800
ns
2
C LK High Time
THIGH
29.97543
38 .46654
V
CLK Low time
TLOW
29.57543
38 .26654
V
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
1.4
4
V/ns
1
Falling Edge Sle w Rate
tFLR
Measured from 2.0 to 0.8 V
1
1.7
4
V/ns
1
Duty C ycle
dt 1
VT = 1.5 V
45
53.1
55
%
2
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
138
1000
ps
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com