Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR501 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9LPR501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR501 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9LPR501 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118N—05/19/11
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
14
Datasheet
Byte 0 FS Readback and PLL Selection Register
Bit
Pin
Name
Description
Type
0
1
Default
7
-
FSLC
CPU Freq. Sel. Bit (Most Significant)
R
Latch
6
-
FSLB
CPU Freq. Sel. Bit
R
Latch
5
-
FSLA
CPU Freq. Sel. Bit (Least Significant)
R
Latch
4-
iAMT_EN
Set via SMBus or dynamically by CK505 if
detects dynamic M1
RW
Legacy Mode
iAMT Enabled
0
3
Reserved
Reserved
RW
0
2
-
SRC_Main_SEL
Select source for SRC Main
RW
SRC Main = PLL1
SRC Main = PLL3
0
1
-
SATA_SEL
Select source for SATA clock
RW
SATA = SRC_Main
SATA = PLL2
See Note
0
0-
PD_Restore
1 = on Power Down de-assert return to last known
state
0 = clear all SMBus configurations as if cold
power-on and go to latches open state
This bit is ignored and treated at '1' if device is in
iAMT mode.
RW
Configuration Not Saved
Configuration Saved
1
Note: If setting Byte 0, bit 1 to 1 to make SATA non-spreading, Byte63, bit 1 must be set to '1' first to turn on the SATA PLL.
Byte 1 DOT96 Select and PLL3 Quick Config Register
Bit
Pin
Name
Description
Type
0
1
Default
7
13/14
SRC0_SEL
Select SRC0 or DOT96
RW
SRC0
DOT96
0
6
-
PLL1_SSC_SEL
Select 0.5% down or center SSC
RW
Down spread
Center spread
0
5
PLL3_SSC_SEL
Select 0.5% down or center SSC
RW
Down spread
Center spread
0
4
PLL3_CF3
PLL3 Quick Config Bit 3
RW
0
3
PLL3_CF2
PLL3 Quick Config Bit 2
RW
0
2
PLL3_CF1
PLL3 Quick Config Bit 1
RW
0
1
PLL3_CF0
PLL3 Quick Config Bit 0
RW
1
0
PCI_SEL
PCI_SEL
RW
PCI from PLL1
PCI from SRC_MAIN
1
Byte 2 Output Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
REF_OE
Output enable for REF, if disabled output is Hi-Z
RW
Output Disabled
Output Enabled
1
6
USB_OE
Output enable for USB
RW
Output Disabled
Output Enabled
1
5
PCIF5_OE
Output enable for PCI5
RW
Output Disabled
Output Enabled
1
4
PCI4_OE
Output enable for PCI4
RW
Output Disabled
Output Enabled
1
3
PCI3_OE
Output enable for PCI3
RW
Output Disabled
Output Enabled
1
2
PCI2_OE
Output enable for PCI2
RW
Output Disabled
Output Enabled
1
1
PCI1_OE
Output enable for PCI1
RW
Output Disabled
Output Enabled
1
0
PCI0_OE
Output enable for PCI0
RW
Output Disabled
Output Enabled
1
Byte 3 Output Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
SRC11_OE
Output enable for SRC11
RW
Output Disabled
Output Enabled
1
6
SRC10_OE
Output enable for SRC10
RW
Output Disabled
Output Enabled
1
5
SRC9_OE
Output enable for SRC9
RW
Output Disabled
Output Enabled
1
4
SRC8/ITP_OE
Output enable for SRC8 or ITP
RW
Output Disabled
Output Enabled
1
3
SRC7_OE
Output enable for SRC7
RW
Output Disabled
Output Enabled
1
2
SRC6_OE
Output enable for SRC6
RW
Output Disabled
Output Enabled
1
1
SRC5_OE
Output enable for SRC5
RW
Output Disabled
Output Enabled
1
0
SRC4_OE
Output enable for SRC4
RW
Output Disabled
Output Enabled
1
See Table 1 : CPU Frequency Select Table
See Table 2: PLL3 Quick Configuration
Only applies if Byte 0, bit 2 = 0.
Byte 4 Output Enable and Spread Spectrum Disable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
SRC3_OE
Output enable for SRC3
RW
Output Disabled
Output Enabled
1
6
SATA/SRC2_OE
Output enable for SATA/SRC2
RW
Output Disabled
Output Enabled
1
5
SRC1_OE
Output enable for SRC1
RW
Output Disabled
Output Enabled
1
4
SRC0/DOT96_OE
Output enable for SRC0/DOT96
RW
Output Disabled
Output Enabled
1
3
CPU1_OE
Output enable for CPU1
RW
Output Disabled
Output Enabled
1
2
CPU0_OE
Output enable for CPU0
RW
Output Disabled
Output Enabled
1
1
PLL1_SSC_ON
Enable PLL1's spread modulation
RW
Spread Disabled
Spread Enabled
1
0
PLL3_SSC_ON
Enable PLL3's spread modulation
RW
Spread Disabled
Spread Enabled
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com