Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR501 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS9LPR501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR501 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS9LPR501 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118N—05/19/11
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
19
Datasheet
Test Clarification Table
Comments
FSLC/
TEST_SEL
HW PIN
FSLB/
TEST_MOD
E
HW PIN
TEST
ENTRY BIT
B9b3
REF/N or
HI-Z
B9b4
OUTPUT
<2.0V
X
0
0
NORMAL
>2.0V
0
X
0
HI-Z
>2.0V
0
X
1
REF/N
>2.0V
1
X
0
REF/N
>2.0V
1
X
1
REF/N
<2.0V
X
1
0
HI-Z
<2.0V
X
1
1
REF/N
B9b3: 1= ENTER TEST MODE, Default = 0 (NORMAL OPERATION)
B9b4: 1= REF/N, Default = 0 (HI-Z)
HW
SW
Power-up w/ TEST_SEL = 1 to enter test mode
Cycle power to disable test mode
FSLC./TEST_SEL -->3-level latched input
If power-up w/ V>2.0V then use TEST_SEL
If power-up w/ V<2.0V then use FSLC
FSLB/TEST_MODE -->low Vth input
TEST_MODE is a real time input
If TEST_SEL HW pin is 0 during power-up,
test mode can be invoked through B9b3.
If test mode is invoked by B9b3, only B9b4
is used to select HI-Z or REF/N
FSLB/TEST_Mode pin is not used.
Cycle power to disable test mode, one shot control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com