Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR501 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9LPR501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR501 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9LPR501 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118N—05/19/11
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
17
Datasheet
Byte 16 CK505 PLL1 Spread Spectrum Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
0
6
SSP14
RW
-
-
x
5
SSP13
RW
-
-
X
4
SSP12
RW
-
-
X
3
SSP11
RW
-
-
X
2
SSP10
RW
-
-
X
1
SSP9
RW
-
-
X
0
SSP8
RW
-
-
X
Byte 17 CK505 PLL3 M/N Programming Register
Bit
Pin
Name
Description
Type
0
1
Default
7
N Div8
N Divider 8
RW
-
-
X
6
N Div9
N Divider 9
RW
-
-
X
5
M Div5
RW
-
-
X
4
M Div4
RW
-
-
X
3
M Div3
RW
-
-
X
2
M Div2
RW
-
-
X
1
M Div1
RW
-
-
X
0
M Div0
RW
-
-
X
Byte 18 CK505 PLL3 M/N Programming Register
Bit
Pin
Name
Description
Type
0
1
Default
7
N Div7
RW
-
-
X
6
N Div6
RW
-
-
X
5
N Div5
RW
-
-
X
4
N Div4
RW
-
-
X
3
N Div3
RW
-
-
X
2
N Div2
RW
-
-
X
1
N Div1
RW
-
-
X
0
N Div0
RW
-
-
X
Byte 19 CK505 PLL3 Spread Spectrum Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
SSP7
RW
-
-
X
6
SSP6
RW
-
-
X
5
SSP5
RW
-
-
X
4
SSP4
RW
-
-
X
3
SSP3
RW
-
-
X
2
SSP2
RW
-
-
X
1
SSP1
RW
-
-
X
0
SSP0
RW
-
-
X
Byte 20 CK505 PLL3 Spread Spectrum Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
0
6
SSP14
RW
-
-
X
5
SSP13
RW
-
-
X
4
SSP12
RW
-
-
X
3
SSP11
RW
-
-
X
2
SSP10
RW
-
-
X
1
SSP9
RW
-
-
X
0
SSP8
RW
-
-
X
Byte 21 M/N Enables
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
Reserved
RW
0
1
M/N Enable CPU
RW
Disable
Enable
0
0
M/N Enable SRC/PCI
RW
Disable
Enable
0
The decimal representation of M Div (5:0) is equal
to reference divider value. Default at power up =
latch-in or Byte 0 Rom table.
These Spread Spectrum bits will program the
spread pecentage. Contact ICS for the correct
values.
The decimal representation of N Div (9:0) is equal
to VCO divider value. Default at power up = latch-
in or Byte 0 Rom table.
These Spread Spectrum bits will program the
spread pecentage. Contact ICS for the correct
values.
These Spread Spectrum bits will program the
spread pecentage. Contact ICS for the correct
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com