Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR501 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9LPR501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR501 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9LPR501 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPR501 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118N—05/19/11
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
11
Datasheet
Table 3: IO_Vout select table
B9b2
B9b1
B9b0
IO_Vout
000
0.3V
001
0.4V
010
0.5V
011
0.6V
100
0.7V
101
0.8V
110
0.9V
111
1.0V
Table 4: Device ID table
00
0
0
00
0
1
00
1
0
00
1
1
01
0
0
01
0
1
01
1
0
01
1
1
10
0
0
10
0
1
10
1
0
10
1
1
11
0
0
11
0
1
11
1
0
11
1
1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
64 pin TSSOP/QFN
B8b5
B8b4
Comment
56 pin TSSOP/QFN
B8b7
B8b6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com