Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS355 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9LPRS355
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS355 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9LPRS355 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
ICS9LPRS355
Datasheet
1205—06/24/14
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
17
USB_48MHz/FSLA
I/O
Fixed 48MHz USB clock output. 3.3V./ 3.3V tolerant input for CPU frequency selection. Refer to
input electrical characteristics for Vil_FS and Vih_FS values.
18
GND48
PWR
Ground pin for the 48MHz outputs.
19
VDD96_IO
PWR
1.05V to 3.3V from external power supply
20
SRCT0/DOTT_96
OUT
True clock of SRC or DOT96. The power-up default function depends on 27_Select,1= SRC0
0=DOT96
21
SRCC0/DOTC_96
OUT
Complement clock of SRC or DOT96. The power-up default function depends on 27_Select,1=
SRC0
0=DOT96
22
GND
PWR
Ground pin for the DOT96 clocks.
23
VDDPLL3
PWR
Power supply for SRC / SE1 and SE2 clocks, 3.3V nominal.
24
27MHz_NonSS/SRCT1/SE1/LCD-SST
OUT
True clock of differential SRC1 clock pair / 3.3V single-ended output. 27_Select determines the
power-up default, 1=27MHz non-spread SE clock, 0 = LCD_SST 100MHz differential clock. See
table 2 for more information.
25
27MHz_SS/SRCC1/SE2/LCD-SSC
OUT
Complement clock of differential SRC1 clock pair / 3.3V single-ended output. 27_Select
determines the power-up default, 1=27MHz spread SE clock, 0 = LCD_SSC 100MHz differential
clock. See table 2 for more information.
26
GND
PWR
Ground pin for SRC / SE1 and SE2 clocks, PLL3.
27
VDDPLL3_IO
PWR
1.05V to 3.3V from external power supply
28
SRCT2/SATAT
OUT
True clock of differential SRC/SATA clock pair.
29
SRCC2/SATAC
OUT
Complement clock of differential SRC/SATA clock pair.
30
GNDSRC
PWR
Ground pin for SRC clocks.
31
SRCT3/CR#_C
I/O
True clock of differential SRC clock pair/ Clock Request control C for either SRC0 or SRC2 pair
The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request
control of SRC pair 0 or SRC pair 2 via SMBus. Before configuring this pin as a Clock Request
Pin, the SRC3 output must first be disabled in byte 4, bit 7 of SMBus address space . After the
SRC3 output is disabled, the pin can then be set to serve as a Clock Request pin for either SRC
pair 2 or pair 0 using the CR#_C_EN bit located in byte 5 of SMBUs address space.
Byte 5, bit 3
0 = SRC3 enabled (default)
1= CR#_C enabled. Byte 5, bit 2 controls whether CR#_C controls SRC0 or SRC2 pair
Byte 5, bit 2
0 = CR#_C controls SRC0 pair (default),
1= CR#_C controls SRC2 pair
32
SRCC3/CR#_D
I/O
Complementary clock of differential SRC clock pair/ Clock Request control D for either SRC1
or SRC4 pair
The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request
control of SRC pair 1 or SRC pair 4 via SMBus. Before configuring this pin as a Clock Request
Pin, the SRC3 output must first be disabled in byte 4, bit 7 of SMBus address space . After the
SRC3 output is disabled, the pin can then be set to serve as a Clock Request pin for either SRC
pair 1 or pair 4 using the CR#_D_EN bit located in byte 5 of SMBUs address space.
Byte 5, bit 1
0 = SRC3 enabled (default)
1= CR#_D enabled. Byte 5, bit 0 controls whether CR#_D controls SRC1 or SRC4 pair
Byte 5, bit 0
0 = CR#_D controls SRC1 pair (default),
1= CR#_D controls SRC4 pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com