Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS355 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS9LPRS355
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS355 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS9LPRS355 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
ICS9LPRS355
Datasheet
1205—06/24/14
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
00
0
266.66
00
1
133.33
01
0
200.00
01
1
166.66
10
0
333.33
10
1
100.00
11
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs .Please s ee VIL_FS and VIH_FS spec ific ations in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Pleas e see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Table 1: CPU Frequency Select Table
96.00
100.00
33.33
14.318
48.00
Reserved
Pin17 (TSSOP)
/ Pin24 (MLF)
Pin18 (TSSOP)
/ Pin25 (MLF)
Spread
MHz
MHz
%
0
00
0
0
0
0
0
0
1
100.00
100.00
0.5% Down Spread
SRCCLK1 from SRC_MAIN
0
0
0
1
0
100.00
100.00
0.5% Down Spread
Only SRCCLK1 from PLL3
0
0
0
1
1
100.00
100.00
1% Down Spread
Only SRCCLK1 from PLL3
0
0
1
0
0
100.00
100.00
1.5% Down Spread
Only SRCCLK1 from PLL3
0
0
1
0
1
100.00
100.00
2% Down Spread
Only SRCCLK1 from PLL3
0
0
1
1
0
100.00
100.00
2.5% Down Spread
Only SRCCLK1 from PLL3
0
01
1
1
N/A
N/A
N/A
N/A
0
1
0
0
0
24.576
24.576
None
24.576Mhz on SE1 and SE2
0
1
0
0
1
24.576
98.304
None
24.576Mhz on SE1, 98.304Mhz on SE2
0
1
0
1
0
98.304
98.304
None
98.304Mhz on SE1 and SE2
0
1
0
1
1
27.000
27.000
None
27Mhz on SE1 and SE2
0
1
1
0
0
25.000
25.000
None
25Mhz on SE1 and SE2
0
11
0
1
N/A
N/A
N/A
N/A
0
11
1
0
N/A
N/A
N/A
N/A
0
11
1
1
N/A
N/A
N/A
N/A
1
00
0
0
N/A
N/A
N/A
1
00
0
1
N/A
N/A
N/A
1
00
1
0
27MHz_nonSS
27MHz_SS
0.5% Down Spread
1
00
1
1
27MHz_nonSS
27MHz_SS
1% Down Spread
1
01
0
0
27MHz_nonSS
27MHz_SS
1.5% Down Spread
1
01
0
1
27MHz_nonSS
27MHz_SS
2% Down Spread
1
01
1
0
27MHz_nonSS
27MHz_SS
0.75% Down Spread
1
01
1
1
27MHz_nonSS
27MHz_SS
1.25% Down Spread
1
10
0
0
27MHz_nonSS
27MHz_SS
1.75% Down Spread
1
10
0
1
27MHz_nonSS
27MHz_SS
0.5% Center Spread
1
10
1
0
27MHz_nonSS
27MHz_SS
0.75% Center Spread
1
10
1
1
N/A
N/A
1
11
0
0
N/A
N/A
1
11
0
1
N/A
N/A
1
11
1
0
N/A
N/A
1
11
1
1
N/A
N/A
Table 2: PLL3 Quick Configuration
B1b1
B1b4
B1b3
B1b2
27_Select
Comment
PLL 3 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com