Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS355 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS9LPRS355
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS355 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS9LPRS355 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
ICS9LPRS355
Datasheet
1205—06/24/14
Byte 5 Clock Request Enable/Configuration Register
Bit
Pin
Name
Description
Type
0
1
Default
7CR#_A_EN
Enable CR#_A (clk req),
PCI0_OE must be = 0 for this bit to take effect
RW
Disable CR#_A
Enable CR#_A
0
6
CR#_A_SEL
Sets CR#_A to control either SRC0 or SRC2
RW
CR#_A -> SRC0
CR#_A -> SRC2
0
5
CR#_B_EN
Enable CR#_B (clk req)
RW
Disable CR#_B
Enable CR#_B
0
4
CR#_B_SEL
Sets CR#_B -> SRC1 or SRC4
RW
CR#_B -> SRC1
CR#_B -> SRC4
0
3
CR#_C_EN
Enable CR#_C (clk req)
RW
Disable CR#_C
Enable CR#_C
0
2
CR#_C_SEL
Sets CR#_C -> SRC0 or SRC2
RW
CR#_C -> SRC0
CR#_C -> SRC2
0
1
CR#_D_EN
Enable CR#_D (clk req)
RW
Disable CR#_D
Enable CR#_D
0
0
CR#_D_SEL
Sets CR#_D -> SRC1 or SRC4
RW
CR#_D -> SRC1
CR#_D -> SRC4
0
Byte 6 Clock Request Enable/Configuration and Stop Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
CR#_E_EN
Enable CR#_E (clk req) -> SRC6
RW
Disable CR#_E
Enable CR#_E
0
6
CR#_F_EN
Enable CR#_F (clk req) -> SRC8
RW
Disable CR#_F
Enable CR#_F
0
5
CR#_G_EN
Enable CR#_G (clk req) -> SRC9
RW
Disable CR#_G
Enable CR#_G
0
4
CR#_H_EN
Enable CR#_H (clk req) -> SRC10
RW
Disable CR#_H
Enable CR#_H
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SSCD_STP_CRTL
If set, LCD_SS stops with PCI_STOP#
RW
Free Running
Stops with
PCI_STOP#
assertion
0
0
SRC_STP_CRTL
If set, SRCs
stop with PCI_STOP#
RW
Free Running
Stops with
PCI_STOP#
assertion
0
Byte 7 Vendor ID/ Revision ID
Bit
Pin
Name
Description
Type
0
1
Default
7
Rev Code Bit 3
R
0
6
Rev Code Bit 2
R
0
5
Rev Code Bit 1
R
1
4
Rev Code Bit 0
R
0
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
Byte 8 Device ID and Output Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Device_ID3
R
1
6
Device_ID2
R
1
5
Device_ID1
R
0
4
Device_ID0
R
1
3
Reserved
Reserved
RW
-
-
0
2
Reserved
Reserved
RW
-
-
0
1
SE1_OE
Output enable for SE1
RW
Disabled
Enabled
27_Select
power on
latch
0
SE2_OE
Output enable for SE2
RW
Disabled
Enabled
27_Select
power on
latch
Vendor specific
Table of Device identifier codes, used for
differentiating between CK505 package options,
etc.
See Device ID Table
Revision ID
Vendor ID
ICS is 0001, binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com