Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS355 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS9LPRS355
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS355 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS9LPRS355 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
ICS9LPRS355
Datasheet
1205—06/24/14
Electrical Characteristics - SMBus Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
SMBus Voltage
V
DD
2.7
5.5
V
1
Low-level Output Voltage
V
OLSMB
@ I
PULLUP
0.4
V
1
Current sinking at
V
OLSMB = 0.4 V
I
PULLUP
SMB Data Pin
4
mA
1
SCLK/SDATA
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
T
FI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
Maximum SMBus Operating
Frequency
F
SMBUS
Block Mode
100
kHz
1
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
T
period
14.318MHz output nominal
69.8203
69.8622
ns
2
Absolute min/max period
T
abs
14.318MHz output nominal
69.8203
70.86224
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-33
-33
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
30
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-c yc
V
T = 1.5 V
1000
ps
1
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK
and falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.
7 Operation under these conditions is neither implied, nor guaranteed.
9 See PCI Clock-to-Clock Delay Figure
8 Maximum input voltage is not to exceed maximum VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com