Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS355 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9LPRS355
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS355 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9LPRS355 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS355 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
ICS9LPRS355
Datasheet
1205—06/24/14
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
VDDSRC_IO
PWR
1.05V to 3.3V from external power supply
34
SRCT4
I/O
True clock of differential SRC clock pair 4
35
SRCC4
I/O
Complement clock of differential SRC clock pair 4
36
GNDSRC
PWR
Ground pin for SRC clocks.
37
SRCT9
OUT
True clock of differential SRC clock pair.
38
SRCC9
OUT
Complement clock of differential SRC clock pair.
39
SRCC11/CR#_G
I/O
SRC11 complement /Clock Request control for SRC9 pair
The power-up default is SRC11#, but this pin may also be used as a Clock Request control of
SRC9 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC11 output pair
must first be disabled in byte 3, bit 7 of SMBus configuration space After the SRC11 output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC9 pair using byte
6, bit 5 of SMBus configuration space
Byte 6, bit 5
0 = SRC11# enabled (default)
1= CR#_G controls SRC9
40
SRCT11/CR#_H
I/O
SRC11 true or Clock Request control H for SRC10 pair
The power-up default is SRC11, but this pin may also be used as a Clock Request control of
SRC10 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC11 output pair
must first be disabled in byte 3, bit 7 of SMBus configuration space After the SRC11 output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC10 pair using
byte 6, bit 4 of SMBus configuration space
Byte 6, bit 4
0 = SRC11 enabled (default)
1= CR#_H controls SRC10.
41
SRCT10
OUT
True clock of differential SRC clock pair.
42
SRCC10
OUT
Complement clock of differential SRC clock pair.
43
VDDSRC_IO
PWR
1.05V to 3.3V from external power supply
44
CPU_STOP#
IN
Stops all CPU Clocks, except those set to be free running clocks. In AMT mode 3 bits are
shifted in from the ICH to set the FSC, FSB, FSA values
45
PCI_STOP#
IN
Stops all PCI Clocks, except those set to be free running clocks. In AMT mode 3 bits are shifted
in from the ICH to set the FSC, FSB, FSA values
46
VDDSRC
PWR
VDD pin for SRC Pre-drivers, 3.3V nominal
47
SRCC6
OUT
Complement clock of low power differential SRC clock pair.
48
SRCT6
OUT
True clock of low power differential SRC clock pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com