Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS365 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9LPRS365
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS365 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9LPRS365 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
ICS9LPRS365
Advance Information
1218—09/09/09
TSSOP Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
17
27MHz_NonSS/SRCT1/SE1
OUT
True clock of differential SRC1 clock pair / 3.3V single-ended output. 27_Select determines the power-up
default, 1=27MHz non-spread SE clock, 0 = LCD_SST 100MHz differential clock. See table 2 for more
information.
18
27MHz_SS/SRCC1/SE2
OUT
Complement clock of differential SRC1 clock pair / 3.3V single-ended output. 27_Select determines the
power-up default, 1=27MHz spread SE clock, 0 = LCD_SSC 100MHz differential clock. See table 2 for
more information.
19
GND
PWR
Ground pin for SRC / SE1 and SE2 clocks, PLL3.
20
VDDPLL3_IO
PWR
1.05V to 3.3V from external power supply
21
SRCT2/SATAT
OUT
True clock of differential SRC/SATA clock pair.
22
SRCC2/SATAC
OUT
Complement clock of differential SRC/SATA clock pair.
23
GNDSRC
PWR
Ground pin for SRC clocks.
24
SRCT3/CR#_C
I/O
True clock of differential SRC clock pair/ Clock Request control C for either SRC0 or SRC2 pair
The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request control of
SRC pair 0 or SRC pair 2 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC3 output
must first be disabled in byte 4, bit 7 of SMBus address space . After the SRC3 output is disabled, the pin
can then be set to serve as a Clock Request pin for either SRC pair 2 or pair 0 using the CR#_C_EN bit
located in byte 5 of SMBUs address space.
Byte 5, bit 3
0 = SRC3 enabled (default)
1= CR#_C enabled. Byte 5, bit 2 controls whether CR#_C controls SRC0 or SRC2 pair
Byte 5, bit 2
0 = CR#_C controls SRC0 pair (default),
1= CR#_C controls SRC2 pair
25
SRCC3/CR#_D
I/O
Complementary clock of differential SRC clock pair/ Clock Request control D for either SRC1 or SRC4
pair
The power-up default is SRCCLK3 output, but this pin may also be used as a Clock Request control of
SRC pair 1 or SRC pair 4 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC3 output
must first be disabled in byte 4, bit 7 of SMBus address space . After the SRC3 output is disabled, the pin
can then be set to serve as a Clock Request pin for either SRC pair 1 or pair 4 using the CR#_D_EN bit
located in byte 5 of SMBUs address space.
Byte 5, bit 1
0 = SRC3 enabled (default)
1= CR#_D enabled. Byte 5, bit 0 controls whether CR#_D controls SRC1 or SRC4 pair
Byte 5, bit 0
0 = CR#_D controls SRC1 pair (default),
1= CR#_D controls SRC4 pair
26
VDDSRC_IO
PWR
1.05V to 3.3V from external power supply
27
SRCT4
I/O
True clock of differential SRC clock pair 4
28
SRCC4
I/O
Complement clock of differential SRC clock pair 4
29
GNDSRC
PWR
Ground pin for SRC clocks.
30
SRCT9
OUT
True clock of differential SRC clock pair.
31
SRCC9
OUT
Complement clock of differential SRC clock pair.
32
SRCC11/CR#_G
I/O
SRC11 complement /Clock Request control for SRC9 pair
The power-up default is SRC11#, but this pin may also be used as a Clock Request control of SRC9 via
SMBus. Before configuring this pin as a Clock Request Pin, the SRC11 output pair must first be disabled in
byte 3, bit 7 of SMBus configuration space After the SRC11 output is disabled (high-Z), the pin can then be
set to serve as a Clock Request for SRC9 pair using byte 6, bit 5 of SMBus configuration space
Byte 6, bit 5
0 = SRC11# enabled (default)
1= CR#_G controls SRC9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com