Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS365 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ICS9LPRS365
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS365 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ICS9LPRS365 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 24Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 25Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 26Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 27Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 28Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
ICS9LPRS365
Advance Information
1218—09/09/09
DIMENSIONS
OPTION 1 DIMENSIONS (mm)
OPTION 2 DIMENSIONS (mm)
SYMBOL
MIN.
MAX.
SYMBOL
MIN.
MAX.
A0.8
1.0
A
0.8
1.0
N
64
A1
0
0.05
A1
0
0.05
ND
16
A3
A3
N
E
16
b
0.18
0.3
b
0.18
0.3
ee
D x E BASIC
D x E BASIC
D2 MIN. / MAX.
7.00
7.25
D2 MIN. / MAX.
6.00
6.25
E2 MIN. / MAX.
7.00
7.25
E2 MIN. / MAX.
6.00
6.25
L MIN. / MAX.
0.30
0.50
L MIN. / MAX.
0.30
0.50
THERMALLY ENHANCED, VE RY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE
0.25 Reference
0.50 BASIC
9.00 x 9.00
0.25 Reference
0.50 BASIC
9.00 x 9.00
Ordering Information
Part/Order Number
Marking
Shipping Packaging
Package
Temperature
9LPRS365BGLF
Tubes
9LPRS365BGLFT
Tape and Reel
9LPRS365BKLF
Tubes
9LPRS365BKLFT
Tape and Reel
See page 26
64-TSSOP
0 to +70° C
See page 27
64-VQFN
Marking Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com