Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS365 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS9LPRS365
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS365 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS9LPRS365 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS365 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
ICS9LPRS365
Advance Information
1218—09/09/09
Pin Configuration
64-pin MLF
64 63 62
61
60
59 58
57
56
55 54
53
52
51 50
49
GNDREF
1
48 SRCT6
X2
2
47 SRCC6
X1
3
46 VDDSRC
VDDREF
4
45 PCI_STOP#
REF0/FSLC/TEST_SEL
5
44 CPU_STOP#
SDATA
6
43 VDDSRC_IO
SCLK
7
42 SRCC10
PCI0/CR#_A
8
41 SRCT10
VDDPCI
9
40 SRCT11/CR#_H
PCI1/CR#_B
10
39 SRCC11/CR#_G
PCI2/TME
11
38 SRCC9
PCI3 12
37 SRCT9
PCI4/27_Select
13
36 GNDSRC
PCI_F5/ITP_EN 14
35 SRCC4
GNDPCI
15
34 SRCT4
VDD48 16
33 VDDSRC_IO
17 18 19
20
21
22 23
24
25
26 27
28
29
30 31
32
9LPRS365
64-MLF
27_Select (power on latch)
0
1
DOT96, LCD_SS
SRC0, 27MHz Non SS & SS
Byte1 bit7 = 1
Byte1 bit7= 0.
Pin20/21 & Pin24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com